Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100C0350-1-18 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C0350-1-18
Description  SP2T Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C0350-1-18 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C0350-1-18 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPICAL PERFORMANCE
at 25
°C
ISO
VSWR
I. LOSS
1.4
1.3
1.2
1.1
0.4
0.3
0.2
0.1
25
50
75
100
1.0
0.5
0
400
100
40
10
4
1
0
125
FREQUENCY (MHz)
1.5
1000
CONTROL VOLTAGE TABLE
Voltage
Current - Typical
Failsafe
6
130 mA Per Throw
240
12
64 mA Per Throw
125
18
42 mA Per Throw
85
26
34 mA Per Throw
70
PART NO. EXAMPLE
100C0350 - 1 - 12
Specify Coil Voltage,
See Table
(26 V Standard if not Specified).
Basic Part Number
-1 (Failsafe)
-B (Basic) Standard if not Specified.
J3
.144 DIA THRU
MTG HOLE (4 PLACES)
SMA CONNECTOR
FEMALE (3 PLACES)
CL
J2
J1
4
21
3
CL
SOLDER TERMINAL
-B (4 PLS), -1 (2 PLS)
.xx = .02
.xxx = .010
1.250
TYP
.80
1.50
±.03
PART
IDENTIFICATION
.75
± .03
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
150
MHz
DC Voltage
See Table
Insertion Loss
0.2
0.75
dB
Isolation
100
110
dB
VSWR
Thru
1.3/1
1.4/1
Impedance
50
OHMS
Switching Speed
3
mSEC
RF Power
Operate
2.5
W
CW
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE
12
34
3
4
BASIC
-1 (FAILSAFE)
50
J3
J1
50
50
J3
J1
50
J2
J2
MODEL NO.
100C0350
SP2T Relay
FEATURES
DC - 150 MHz
0.75 dB Insertion Loss
110 dB Isolation
Non-Reflective
SMA Connectors
SP2 T
D A ICO
I ndustries


Similar Part No. - 100C0350-1-18

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
   Transfer Switch
100C0347-BNC-6 DAICO-100C0347-BNC-6 Datasheet
118Kb / 1P
   Transfer Switch
100C0347-BNC12 DAICO-100C0347-BNC12 Datasheet
118Kb / 1P
   Transfer Switch
100C0347-BNC18 DAICO-100C0347-BNC18 Datasheet
118Kb / 1P
   Transfer Switch
100C0347-BNC26 DAICO-100C0347-BNC26 Datasheet
118Kb / 1P
   Transfer Switch
More results

Similar Description - 100C0350-1-18

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1003 DAICO-100C1003 Datasheet
136Kb / 1P
   SP2T Relay
100C0611 DAICO-100C0611 Datasheet
39Kb / 1P
   SP2T Relay
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
   GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
   GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
   GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
   GaAs SP2T
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
   Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
   SP2T Switch
DSW28000 DAICO-DSW28000 Datasheet
173Kb / 1P
   GaAs SP2T
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
   GaAs SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com