Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N01L163WC2AT-55I Datasheet(PDF) 8 Page - NanoAmp Solutions, Inc.

Part # N01L163WC2AT-55I
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01L163WC2AT-55I Datasheet(HTML) 8 Page - NanoAmp Solutions, Inc.

Back Button N01L163WC2AT-55I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 10Page - NanoAmp Solutions, Inc. N01L163WC2AT-55I Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(DOC# 14-02-013 REV G ECN# 01-1270)
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WC2A
Timing Waveform of Write Cycle (WE control)
Timing Waveform of Write Cycle (CE1 Control)
Address
Data In
CE1
CE2
LB, UB
Data Valid
tWC
tAW
tCW
tWR
tWHZ
tDH
High-Z
WE
Data Out
High-Z
tOW
tAS
tWP
tDW
tLBW, tUBW
Address
WE
Data Valid
tWC
tAW
tCW
tWR
tDH
LB, UB
Data In
High-Z
tAS
tWP
tLZ
tDW
tLBW, tUBW
Data Out
tWHZ
CE1
(for CE2 Control, use
inverted signal)


Similar Part No. - N01L163WC2AT-55I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N01L163WC2AT-55I NANOAMP-N01L163WC2AT-55I Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Similar Description - N01L163WC2AT-55I

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com