Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24HC02B-W1.8-11 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24HC02B-W1.8-11
Description  Utilizes Different Array Protection Compared
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B-W1.8-11 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24HC02B-W1.8-11 Datasheet HTML 6Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 7Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 8Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 9Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 10Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 11Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 12Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 13Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
AT24HC02B
5134A–SEEPR–9/05
Read Operations
Read operations are initiated the same way as write operations with the exception that
the read/write select bit in the device address word is set to “1”. There are three read
operations: current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the
last address accessed during the last read or write operation, incremented by one. This
address stays valid between operations as long as the chip power is maintained. The
address “roll over” during read is from the last byte of the last memory page to the first
byte of the first page. The address “roll over” during write is from the last byte of the cur-
rent page to the first byte of the same page.
Once the device address with the read/write select bit set to “1” is clocked in and
acknowledged by the EEPROM, the current address data word is serially clocked out.
The microcontroller does not respond with an input “0” but does generate a following
stop condition, see Figure 10.
Figure 10. Current Address Read
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the
data word address. Once the device address word and data word address are clocked
in and acknowledged by the EEPROM, the microcontroller must generate another start
condition. The microcontroller now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM acknowledges the device
address and serially clocks out the data word. The microcontroller does not respond
with a “0” but does generate a following stop condition, see Figure 11.
Figure 11. Random Read
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or
a random address read. After the microcontroller receives a data word, it responds with
an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to
increment the data word address and serially clock out sequential data words. When the
memory address limit is reached, the data word address will “roll over” and the sequen-
S
T
A
R
T
R
E
A
D
M
S
B
S
T
O
P
SDA LINE
DEVICE
ADDRESS
DATA
L
S
B
A
C
K
N
O
A
C
K
R
/
W
S
T
A
R
T
S
T
A
R
T
M
S
B
S
T
O
P
W
R
I
T
E
R
E
A
D
SDA LINE
DEVICE
ADDRESS
DUMMY WRITE
WORD
ADDRESS n
DEVICE
ADDRESS
DATA n
L
S
B
A
C
K
A
C
K
A
C
K
N
O
A
C
K
R
/
W
M
S
B
L
S
B
M
S
B
L
S
B


Similar Part No. - AT24HC02B-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B-W-11 ATMEL-AT24HC02B-W-11 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
More results

Similar Description - AT24HC02B-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A_14 Datasheet
563Kb / 16P
   Utilizes Different Array Protection Compared to the AT24C02/04
logo
Vishay Siliconix
CRAS0606 VISHAY-CRAS0606 Datasheet
214Kb / 8P
   Thick Film Chip Resistor Array, Different Values
Revision: 01-Jun-16
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
   ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
   ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
   ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
   ESD protection array
2003 Apr 28
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
   ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
   ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004_10 Datasheet
484Kb / 6P
   SPA??Silicon Protection Array Products Low Capacitance ESD Protection Array
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com