Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF653 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # BUF653
Description  Silicon NPN High Voltage Switching Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUF653 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  BUF653 Datasheet HTML 1Page - TEMIC Semiconductors BUF653 Datasheet HTML 2Page - TEMIC Semiconductors BUF653 Datasheet HTML 3Page - TEMIC Semiconductors BUF653 Datasheet HTML 4Page - TEMIC Semiconductors BUF653 Datasheet HTML 5Page - TEMIC Semiconductors BUF653 Datasheet HTML 6Page - TEMIC Semiconductors BUF653 Datasheet HTML 7Page - TEMIC Semiconductors BUF653 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BUF653
TELEFUNKEN Semiconductors
Rev. A3, 18-Jul-97
1 (8)
Silicon NPN High Voltage Switching Transistor
Features
D Simple-sWitch-Off Transistor (SWOT)
D HIGH SPEED technology
D Planar passivation
D 100 kHz switching rate
D Very low switching losses
D Very low dynamic saturation
D Very low operating temperature
D Optimized RBSOA
D High reverse voltage
Applications
Electronic lamp ballast circuits
Switch-mode power supplies
14283
Absolute Maximum Ratings
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-emitter voltage
VCEO
400
V
g
VCEW
500
V
VCES
700
V
Emitter-base voltage
VEBO
11
V
Collector current
IC
11
A
Collector peak current
ICM
16.5
A
Base current
IB
5.5
A
Base peak current
IBM
8
A
Total power dissipation
Tcase ≤ 25
°C
Ptot
70
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Maximum Thermal Resistance
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
1.78
K/W


Similar Part No. - BUF653

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
More results

Similar Description - BUF653

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
   Silicon NPN High Voltage Switching Transistor
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com