Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1906Y Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1906Y
Description  Power SIP Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1906Y Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1906Y Datasheet HTML 1Page - Clare, Inc. CPC1906Y Datasheet HTML 2Page - Clare, Inc. CPC1906Y Datasheet HTML 3Page - Clare, Inc. CPC1906Y Datasheet HTML 4Page - Clare, Inc. CPC1906Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1906Y
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Ratings
Units
Blocking Voltage
60
V
Reverse Input Voltage
5
V
Input control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation1
150
mW
Isolation voltage Input to Output
2500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous
free air
I
L
-
-
2
A
rms
Peak Load Current
T=10ms
I
LPK
-
-
9
A
rms
On-Resistance1
I
L=1A
R
ON
-
0.105
0.3
Off-State Leakage Current
V
L=60V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=10mA, VL=10V
T
ON
-
3.5
10
ms
Turn-Off
I
F=10mA, VL=10V
T
OFF
-
0.04
5
ms
Output Capacitance
50V, f=1MHz
C
OUT
-
130
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=1A
I
F
10
-
-
mA
Input Dropout Current
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics @ 25°C
Capacitance Input/Output
f=1MHz
I
I/O
I/O
-
2
-
pF
1 Measurement taken within 1 second of on time.
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
R
θJC
-
1.5
-
°C/W
Thermal Characteristics


Similar Part No. - CPC1906Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
102Kb / 5P
   Power SIP Relay
CPC1906Y CLARE-CPC1906Y Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1906Y IXYS-CPC1906Y Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
More results

Similar Description - CPC1906Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
   Power SIP Relay
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
   Power SIP Relay
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
   Power SIP Relay
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
457Kb / 5P
   Power SIP Relay
logo
Clare, Inc.
CPC1973Y CLARE-CPC1973Y Datasheet
457Kb / 5P
   Power SIP Relay
CPC1726 CLARE-CPC1726 Datasheet
104Kb / 5P
   DC Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
   DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com