Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N08L083WC2CT1 Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part # N08L083WC2CT1
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L083WC2CT1 Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N08L083WC2CT1 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L083WC2CT1 Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Stock No. 23379-A
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L083WC2C
Advance Information
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
I/O0 - I/O7
MODE
POWER
H
X
X
X
High Z
Standby
Standby
X
L
X
X
High Z
Standby
Standby
LHL
X1
1. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
Data In
Write3
Active
LH
HL
Data Out
Read
Active
L
H
H
H
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
10
pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
10
pF
Address
Inputs
A0 - A3
Address
Inputs
A4 - A19
Word
Address
Decode
Logic
1024K
x 8 bit
RAM Array
Input/
Output
Mux
and
Buffers
Page
Address
Decode
Logic
Control
Logic
CE1
CE2
WE
OE
I/O0 - I/O7


Similar Part No. - N08L083WC2CT1

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB NANOAMP-N08L1618C2AB Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB2 NANOAMP-N08L1618C2AB2 Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1 NANOAMP-N08L163WC1CT1 Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results

Similar Description - N08L083WC2CT1

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N16L163WC2C NANOAMP-N16L163WC2C Datasheet
265Kb / 11P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com