Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N08L083WC2CT1-55IL Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

Part # N08L083WC2CT1-55IL
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L083WC2CT1-55IL Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

  N08L083WC2CT1-55IL Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L083WC2CT1-55IL Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Stock No. 23379-A
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L083WC2C
Advance Information
Note:
1. Full device AC operation assumes a 100us ramp time from 0 to Vcc(min) and 200µs wait time after Vcc stablization.
2. Full device operation requires linear Vcc ramp from VDR to Vcc(min) ≥ 100us or stable at Vcc(min) ≥ 100µs.
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
1V/ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF/50pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
55
Units
Min
Max
Read Cycle Time
tRC
55
ns
Address Access Time (Random Access)
tAA
55
ns
Chip Enable to Valid Output
tCO
55
ns
Output Enable to Valid Output
tOE
25
ns
Chip Enable to Low-Z output
tLZ
10
ns
Output Enable to Low-Z Output
tOLZ
5ns
Chip Disable to High-Z Output
tHZ
20
ns
Output Disable to High-Z Output
tOHZ
20
ns
Output Hold from Address Change
tOH
10
ns
Write Cycle Time
tWC
55
ns
Chip Enable to End of Write
tCW
40
ns
Address Valid to End of Write
tAW
40
ns
Write Pulse Width
tWP
40
ns
Address Setup Time
tAS
0ns
Write Recovery Time
tWR
0ns
Write to High-Z Output
tWHZ
20
ns
Data to Write Time Overlap
tDW
25
ns
Data Hold from Write Time
tDH
0
ns
End Write to Low-Z Output
tOW
10
ns


Similar Part No. - N08L083WC2CT1-55IL

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB NANOAMP-N08L1618C2AB Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L1618C2AB2 NANOAMP-N08L1618C2AB2 Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1 NANOAMP-N08L163WC1CT1 Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results

Similar Description - N08L083WC2CT1-55IL

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N16L163WC2C NANOAMP-N16L163WC2C Datasheet
265Kb / 11P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
NanoAmp Solutions, Inc.
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com