Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S200 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS932S200
Description  Frequency Timing Generator for Dual Server/Workstation Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S200 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS932S200 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS932S200
0427C—07/03/02
Ordering Information
ICS932S200yF-T
Designation for tape and reel packaging
Pattern Number (2 or 3 digit number for parts with ROM code
patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX y F - PPP - T
MIN
MAX
MIN
MAX
A
2.413
2.794
.095
.110
A1
0.203
0.406
.008
.016
b
0.203
0.343
.008
.0135
c
0.127
0.254
.005
.010
D
E
10.033
10.668
.395
.420
E1
7.391
7.595
.291
.299
e
0.635 BASIC
0.025 BASIC
h
0.381
0.635
.015
.025
L
0.508
1.016
.020
.040
N
α
VARIATIONS
MIN
MAX
MIN
MAX
56
18.288
18.542
.720
.730
JEDEC MO-118
DOC# 10-0034
6/1/00
REV B
N
D mm.
D(inch)
SEE VARIATIONS
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
INDEX
AREA
INDEX
AREA
1 2
N
D
h x 45°
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
e
- C -
b
.10 (.004) C
.10 (.004) C
c
L
300 mil SSOP


Similar Part No. - ICS932S200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
More results

Similar Description - ICS932S200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS932S202 ICST-ICS932S202 Datasheet
105Kb / 14P
   Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com