Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSLV810FI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICSLV810FI
Description  Buffer/Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810FI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICSLV810FI Datasheet HTML 1Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 2Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 3Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810FI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
4
Revision 101305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICSLV810
DC Electrical Characteristics—CLKIN and Bank A
VDDA = 2.5 V, Ambient Temperature -40
° C to +85° C
Note1: This parameter is not tested, guaranteed by design.
DC Electrical Characteristics—Bank B
VDDB = 2.5 V, Ambient Temperature -40
° C to +85° C, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDA
1.425
2.625
V
Quiescent Power Supply
Current
IDDA
No Load
F = 40 MHz
15
mA
Short Circuit Current
IOS
CLK 1 - 5
±80
mA
Input High Voltage,
CLKIN
VIH
Guaranteed
Logic Level
High
1.6
V
Input Low Voltage,
CLKIN
VIL
Guaranteed
Logic Level Low
0.8
V
Output High Voltage
VOH
VIN = VIH or
VIL
IOH = -7 mA
1.8
V
Output Low Voltage
VOL
VIN = VIH or
VIL
IOL =12 mA
0.4
V
Input High Current
IIH
VDD = max
VIN = 2.4 V
1
µA
Input Low Current
IIL
VDD = max
VIN = 0.5 V
-1
µA
Input High Current
II
VDD = max
VIN = VDD
(max)
20
µA
Input Capacitance
CIN
VIN = 0V, Note1
5
6.0
pF
Output Capacitance
COUT
VOUT = 0V,
Note1
5.5
8.0
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDB
1.425
2.625
V
Quiescent Power
Supply Current
IDDB
VDDB = 2.5 V
No Load
F = 40 MHz
7mA
VDDB = 1.5 V
No Load
F = 40 MHz
3mA
Short Circuit
Current
IOS
VDDB = 1.5 V
CLK8-10
±35
mA
VDDB = 2.5 V
CLK8-10
±80
mA


Similar Part No. - ICSLV810FI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSLV810 IDT-ICSLV810 Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
More results

Similar Description - ICSLV810FI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
   Buffer/Clock Driver
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
   Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
   Clock Buffer/Driver
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
   BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
   BUFFER/CLOCK DRIVER
2019
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
   BUFFER/CLOCK DRIVER
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
   Clock Buffer/Driver
logo
Renesas Technology Corp
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
   BUFFER/CLOCK DRIVER
051310
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
   BUFFER/CLOCK DRIVER
051310
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com