Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N16D1618LPA Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part # N16D1618LPA
Description  512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16D1618LPA Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N16D1618LPA Datasheet HTML 1Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 2Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 3Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 4Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 5Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 6Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16D1618LPA Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
N16D1618LPA
Stock No. 23395- Rev L 1/06
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
NanoAmp Solutions, Inc.
Figure 1: Package Configuration (60Ball WBGA)
Note:
1. All Dimensions in millimeters
VSS
DQ15
DQ0
VDD
DQ14
VSSQ
VDDQ
DQ1
DQ13
VDDQ
VSSQ
DQ2
DQ12
DQ11
DQ4
DQ3
DQ10
VSSQ
VDDQ
DQ5
DQ9
VDDQ
VSSQ
DQ6
DQ8
NC
NC
DQ7
NC
NC
NC
NC
NC
UDQM
LDQM
/WE
NC
CLK
/RAS
/CAS
CKE
NC
NC
/CS
A11
A9
NC
NC
A8
A7
A0
A10
A6
A5
A2
A1
VSS
A4
A3
VDD
[Bottom View]
7
6
5
4
3
2
1
0.65
3.9
6.4 0.1
1.0max
0.23 0.05
0.3 0.05
Unit [mm]
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
1
2
3
4
5
6
7
[Top View]
1.25
VSS
DQ15
DQ0
VDD
DQ14
VSSQ
VDDQ
DQ1
DQ13
VDDQ
VSSQ
DQ2
DQ12
DQ11
DQ4
DQ3
DQ10
VSSQ
VDDQ
DQ5
DQ9
VDDQ
VSSQ
DQ6
DQ8
NC
NC
DQ7
NC
NC
NC
NC
NC
UDQM
LDQM
/WE
NC
CLK
/RAS
/CAS
CKE
NC
NC
/CS
A11
A9
NC
NC
A8
A7
A0
A10
A6
A5
A2
A1
VSS
A4
A3
VDD
[Bottom View]
7
6
5
4
3
2
1
0.65
3.9
6.4 0.1
1.0max
0.23 0.05
0.3 0.05
Unit [mm]
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
1
2
3
4
5
6
7
[Top View]
1.25


Similar Part No. - N16D1618LPA

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1633LPA NANOAMP-N16D1633LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-10I NANOAMP-N16D1633LPAC2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-60I NANOAMP-N16D1633LPAC2-60I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-75I NANOAMP-N16D1633LPAC2-75I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAT2-10I NANOAMP-N16D1633LPAT2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
More results

Similar Description - N16D1618LPA

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1633LPA NANOAMP-N16D1633LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6CB WINBOND-W9816G6CB Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH_10 Datasheet
721Kb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com