Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N16D1618LPAC2-10I Datasheet(PDF) 11 Page - NanoAmp Solutions, Inc.

Part # N16D1618LPAC2-10I
Description  512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16D1618LPAC2-10I Datasheet(HTML) 11 Page - NanoAmp Solutions, Inc.

Back Button N16D1618LPAC2-10I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 10Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 11Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 12Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 13Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 14Page - NanoAmp Solutions, Inc. N16D1618LPAC2-10I Datasheet HTML 15Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
N16D1618LPA
Stock No. 23395- Rev L 1/06
11
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
NanoAmp Solutions, Inc.
Burst Length
Read and write accesses to the SDRAM are burst oriented, with the burst length being programmable, as shown in
Figure 1. The burst length determines the maximum number of column locations that can be accessed for a given
READ or WRITE command. Burst lengths of 1, 2, 4 or 8 locations are available for both the sequential and the
interleaved burst types, and a full-page burst is available for the sequential type. The full-page burst is used in
conjunction with the BURST TERMINATE command to generate arbitrary burst lengths.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a
READ or WRITE command is issued, a block of columns equal to the burst length is effectively selected. All accesses
for that burst take place within this block, meaning that the burst will wrap within the block if a boundary is reached. The
block is uniquely selected by A1-A7 when the burst length is set to two; by A2-A7 when the burst length is set to four;
and by A3-A7 when the burst length is set to eight. The remaining (least significant) address bit(s) is (are) used to
select the starting location within the block. Full-page bursts wrap within the page if the boundary is reached.
Bank(Row) Active
The Bank Active command is used to activate a row in a specified bank of the device. This command is initiated by
activating /CS, /RAS and deasserting /CAS, /WE at the positive edge of the clock. The value on the A11 selects the
bank, and the value on the A0-A10 selects the row. This row remains active for column access until a precharge
command is issued to that bank. Read and write operations can only be initiated on this activated bank after the
minimum tRCD time is passed from the activate command.
Read
The READ command is used to initiate the burst read of data. This command is initiated by activating /CS, /CAS, and
deasserting /WE, /RAS at the positive edge of the clock. A11 input select the bank, A0-A7 address inputs select the
starting column location. The value on input A10 determines whether or not Auto Precharge is used. If Auto Precharge
is selected the row being accessed will be precharged at the end of the READ burst; if Auto Precharge is not selected,
the row will remain active for subsequent accesses. The length of burst and the CAS latency will be determined by the
values programmed during the MRS command.
Write
The WRITE command is used to initiate the burst write of data. This command is initiated by activating /CS, /CAS, /WE
and deasserting /RAS at the positive edge of the clock. A11 input select the bank, A0-A7 address inputs select the
starting column location. The value on input A10 determines whether or not Auto Precharge is used. If Auto Precharge
is selected the row being accessed will be precharged at the end of the WRITE burst; if Auto Precharge is not selected,
the row will remain active for subsequent accesses.


Similar Part No. - N16D1618LPAC2-10I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1633LPA NANOAMP-N16D1633LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-10I NANOAMP-N16D1633LPAC2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-60I NANOAMP-N16D1633LPAC2-60I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAC2-75I NANOAMP-N16D1633LPAC2-75I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
N16D1633LPAT2-10I NANOAMP-N16D1633LPAT2-10I Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
More results

Similar Description - N16D1618LPAC2-10I

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N16D1633LPA NANOAMP-N16D1633LPA Datasheet
668Kb / 27P
   512K 횞 16 Bits 횞 2 Banks Low Power Synchronous DRAM
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6CB WINBOND-W9816G6CB Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH_10 Datasheet
721Kb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com