Electronic Components Datasheet Search |
|
N16L163WC2CZ1 Datasheet(PDF) 3 Page - NanoAmp Solutions, Inc. |
|
N16L163WC2CZ1 Datasheet(HTML) 3 Page - NanoAmp Solutions, Inc. |
3 / 11 page Stock No. 23383-C 3 The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com. NanoAmp Solutions, Inc. N16L163WC2C Advance Information Functional Block Diagram Functional Description CE1 CE2 WE OE UB LB I/O0 - I/O151 1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7 are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown. MODE POWER H X XX XX High Z Standby2 2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally isolated from any external influence and disabled from exerting any influence externally. Standby X L XX XX High Z Standby2 Standby XX XX H H High Z Standby2 Standby LHL X3 3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit. L1 L1 Data In Write3 Active LH HL L1 L1 Data Out Read Active LH H H L1 L1 High Z Active Active Capacitance1 1. These parameters are verified in device characterization and are not 100% tested Item Symbol Test Condition Min Max Unit Input Capacitance CIN VIN = 0V, f = 1 MHz, TA = 25oC 8pF I/O Capacitance CI/O VIN = 0V, f = 1 MHz, TA = 25oC 10 pF Address Inputs A0 - A3 Address Inputs A4 - A19 Word Address Decode Logic 1024K x 16 bit RAM Array Input/ Output Mux and Buffers Page Address Decode Logic Control Logic CE1 CE2 WE OE UB LB I/O0 - I/O7 I/O8 - I/O15 |
Similar Part No. - N16L163WC2CZ1 |
|
Similar Description - N16L163WC2CZ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |