Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N08T1630C1BZ2-70 Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

Part # N08T1630C1BZ2-70
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08T1630C1BZ2-70 Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

  N08T1630C1BZ2-70 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08T1630C1BZ2-70 Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(DOC# 14-02-004 REV H ECN# 01-1102)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08T1630CxB
Timing
Item
Symbol
-55
-70
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
55
70
ns
Address Access Time
tAA
55
70
ns
Chip Enable to Valid Output
tCO
55
70
ns
Output Enable to Valid Output
tOE
30
35
ns
Byte Select to Valid Output
tLB, tUB
55
70
ns
Chip Enable to Low-Z output
tLZ
55
ns
Output Enable to Low-Z Output
tOLZ
55
ns
Byte Select to Low-Z Output
tBLZ
55
ns
Chip Disable to High-Z Output
tHZ
0200
25
ns
Output Disable to High-Z Output
tOHZ
0200
25
ns
Byte Select Disable to High-Z Output
tBHZ
0200
25
ns
Output Hold from Address Change
tOH
10
10
ns
Write Cycle Time
tWC
55
70
ns
Chip Enable to End of Write
tCW
45
55
ns
Address Valid to End of Write
tAW
45
55
ns
Byte Select to End of Write
tBW
45
55
ns
Write Pulse Width
tWP
45
55
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
25
25
ns
Data to Write Time Overlap
tDW
40
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
55
ns


Similar Part No. - N08T1630C1BZ2-70

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Similar Description - N08T1630C1BZ2-70

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
ON Semiconductor
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com