Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5062AASA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5062AASA
Description  125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5062AASA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5062AASA Datasheet HTML 1Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 2Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 3Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 4Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 5Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 6Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 7Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 8Page - Maxim Integrated Products MAX5062AASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX5062/MAX5063/MAX5064 high-frequency,
125V half-bridge, n-channel MOSFET drivers drive high-
and low-side MOSFETs in high-voltage applications.
These drivers are independently controlled and their
35ns typical propagation delay, from input to output, are
matched to within 3ns (typ). The high-voltage operation
with very low and matched propagation delay between
drivers, and high source/sink current capabilities in a
thermally enhanced package make these devices suit-
able for the high-power, high-frequency telecom power
converters. The 125V maximum input voltage range pro-
vides plenty of margin over the 100V input transient
requirement of telecom standards. A reliable on-chip
bootstrap diode connected between VDD and BST elimi-
nates the need for an external discrete diode.
The MAX5062A/C and the MAX5063A/C offer both nonin-
verting drivers (see the Selector Guide). The
MAX5062B/D and the MAX5063B/D offer a noninverting
high-side driver and an inverting low-side driver. The
MAX5064A/B offer two inputs per driver that can be
either inverting or noninverting. The MAX5062A/B/C/D
and the MAX5064A feature CMOS (VDD / 2) logic inputs.
The MAX5063A/B/C/D and the MAX5064B feature TTL
logic inputs. The MAX5064A/B include a break-before-
make adjustment input that sets the dead time between
drivers from 16ns to 95ns. The drivers are available in the
industry-standard 8-pin SO footprint and pin configura-
tion, and a thermally enhanced 8-pin SO and 12-pin
(4mm x 4mm) thin QFN packages. All devices operate
over the -40°C to +125°C automotive temperature range.
Applications
Telecom Half-Bridge Power Supplies
Two-Switch Forward Converters
Full-Bridge Converters
Active-Clamp Forward Converters
Power-Supply Modules
Motor Control
Features
♦ HIP2100/HIP2101 Pin Compatible (MAX5062A/
MAX5063A)
♦ Up to 125V Input Operation
♦ 8V to 12.6V VDD Input Voltage Range
♦ 2A Peak Source and Sink Current Drive Capability
♦ 35ns Typical Propagation Delay
♦ Guaranteed 8ns Propagation Delay Matching
Between Drivers
♦ Programmable Break-Before-Make Timing
(MAX5064)
♦ Up to 1MHz Combined Switching Frequency while
Driving 100nC Gate Charge (MAX5064)
♦ Available in CMOS (VDD / 2) or TTL Logic-Level
Inputs with Hysteresis
♦ Up to 15V Logic Inputs Independent of Input
Voltage
♦ Low 2.5pF Input Capacitance
♦ Instant Turn-Off of Drivers During Fault or PWM
Start-Stop Synchronization (MAX5064)
♦ Low 200µA Supply Current
♦ Versions Available With Combination of
Noninverting and Inverting Drivers (MAX5062B/D
and MAX5063B/D)
♦ Available in 8-Pin SO, Thermally Enhanced SO,
and 12-Pin Thin QFN Packages
125V/2A, High-Speed,
Half-Bridge MOSFET Drivers
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
PKG
CODE
MAX5062AASA -40°C to +125°C 8 SO
S8-5
MAX5062BASA -40°C to +125°C 8 SO
S8-5
MAX5062CASA -40°C to +125°C 8 SO-EP*
S8E-14
MAX5062DASA -40°C to +125°C 8 SO-EP*
S8E-14
Ordering Information
PART
HIGH-SIDE DRIVER
LOW-SIDE DRIVER
LOGIC LEVELS
PIN COMPATIBLE
MAX5062AASA
Noninverting
Noninverting
CMOS (VDD / 2)
HIP 2100IB
MAX5062BASA
Noninverting
Inverting
CMOS (VDD / 2)
MAX5062CASA
Noninverting
Noninverting
CMOS (VDD / 2)
MAX5062DASA
Noninverting
Inverting
CMOS (VDD / 2)
Selector Guide
19-3502; Rev 3; 10/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Selector Guide continued at end of data sheet.
*EP = Exposed paddle.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX5062AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062AASA MAXIM-MAX5062AASA Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
More results

Similar Description - MAX5062AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com