Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65676FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M65676FP
Description  DIGITAL NTSC/PAL ENCODER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65676FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M65676FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M65676FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MITSUBISHI ICs (TV)
M65675FP/M65676FP
DIGITAL NTSC/PAL ENCODER
7
PRELIMINARY
Notice:This is not a final specification.
Some parametric limits are subject to change.
CGMS (IEC 1880) Encoding
In the NTSC (525/60) mode, the 20-bit data, consisting of 14-bit
data including CRCC code and 6-bit error correction code
generated by the input data, are converted into the video format
shown in fig. 2 and then inserted in TV line 20/283, according to the
register data of CGMS control mode (CGMS on/off).
The transferred data are loaded to the register on the trailing edge
of V-sync, after a write-enable (WE) was set to "1".
Color
Burst
Ref Bit
21(284) line
11.2
±0.3µs
20(283) line
19(282) line
49.1
±0.3µs
63.556
µs
2.232
±50µs
CRCC
Input Data
Fig. 2 CGMS WAVEFORM
WSS (ETS 300 294) Encoding
In the PAL (625/50) mode, 14-bit data, set in the register, is
modulated to the signal format shown in fig. 3 and then will be
inserted into TV line 23, according to the register data of WSS
control mode (WSS on/off).
The new register data are loaded on the trailing edge of V-sync,
after a write-enable (WE) was set to "1".
24line
23 line
22 line
Run in
Start code
1E3C1F
1F1C71C7
group1
Aspect
Ratio
(4bit)
group2
Enhanced
Services
(4bit)
group3
Subtit-
les
(3bit)
group4
Others
(3bit)
200
±10ns
"0"
200
±10ns
"1"
Input Data
Color
Burst
11.0
±0.25µs
27.4
±1.4µs
64.0
µs
Fig. 3 WSS WAVEFORM


Similar Part No. - M65676FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
More results

Similar Description - M65676FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
   PAL/NTSC DIGITAL ENCODER
October 1996
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
   NTSC/PAL Digital Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com