Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5073ETI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5073ETI
Description  2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5073ETI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5073ETI Datasheet HTML 1Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 2Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 3Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 4Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 5Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 6Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 7Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 8Page - Maxim Integrated Products MAX5073ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2.2MHz, Dual-Output Buck or Boost Converter
with Internal Power MOSFETs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = VL = 5.2V or V+ = 5.5V to 23V, EN_ = VL, SYNC = GND, IVL = 0mA, PGND = SGND, CBYPASS = 0.22µF, CVL = 4.7µF (ceram-
ic), ROSC = 10k
Ω (circuit of Figure 1), TA = TJ = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE-ERROR AMPLIFIER
FB_ Input Bias Current
IB(EA)
250
nA
0°C ≤ TA ≤ +70°C
0.792
0.8
0.808
-40°C ≤ TA ≤ +85°C
0.788
0.8
0.812
FB_ Input Voltage Set Point
-40°C ≤ TJ ≤ +125°C (MAX5073ATI only)
0.788
0.8
0.812
V
0°C to +85°C
1.25
2
2.70
-40°C to +85°C
1.2
2
2.9
FB_ to COMP_
Transconductance
gM
-40°C to +125°C (MAX5073ATI only)
1.2
2
2.9
mS
INTERNAL PMOSFETS
ISWITCH = 100mA,
VBST1/VDD1 to VSOURCE1 = 5.2V
(MAX5073ETI)
195
290
ISWITCH = 100mA,
VBST1/VDD1 to VSOURCE1 = 5.2V
(MAX5073ATI)
195
330
ISWITCH = 100mA,
VBST1/VDD1 to VSOURCE1 = 4.5V
(MAX5073ETI)
200
315
On-Resistance Converter 1
RON1
ISWITCH = 100mA,
VBST1/VDD1 to VSOURCE1 = 4.5V
(MAX5073ATI)
200
350
m
ISWITCH = 100mA,
VBST2/VDD2 to VSOURCE2 = 5.2V
330
630
On-Resistance Converter 2
RON2
ISWITCH = 100mA,
VBST2/VDD2 to VSOURCE2 = 4.5V
350
690
m
Minimum Converter 1 Output Current
IOUT1
VOUT1 = 3.3V, V+ = 12V (Note 3)
2
A
Minimum Converter 2 Output Current
IOUT2
VOUT2 = 2.5V, V+ = 12V (Note 3)
1
A
Converter 1 MOSFET Leakage
Current
ILK1
EN1 = 0V, VDS = 23V
10
µA
Converter 2 MOSFET Leakage
Current
ILK2
EN2 = 0V, VDS = 23V
10
µA
INTERNAL SWITCH CURRENT LIMIT
V+ = 12V (MAX5073ETI)
2.3
3
4.3
Current-Limit Converter 1
ICL1
V+ = 12V (MAX5073ATI)
2.3
3
4.6
A
MAX5073ETI
1.38
1.8
2.10
Current-Limit Converter 2
ICL2
MAX5073ATI
1.38
1.8
2.20
A


Similar Part No. - MAX5073ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073ETI MAXIM-MAX5073ETI Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073ETI++ MAXIM-MAX5073ETI+ Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
More results

Similar Description - MAX5073ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
MAX5072 MAXIM-MAX5072_V01 Datasheet
2Mb / 30P
   2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
MAX5098A MAXIM-MAX5098A_V01 Datasheet
1Mb / 29P
   Dual 2.2MHz Buck or Boost Converter with 80V Load-Dump Protection
2014
MAX5098A MAXIM-MAX5098A Datasheet
492Kb / 28P
   Dual, 2.2MHz, Automotive Buck or Boost Converter with 80V Load-Dump Protection
Rev 0; 5/08
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Maxim Integrated Produc...
MAX15036 MAXIM-MAX15036 Datasheet
396Kb / 25P
   2.2MHz, 3A Buck or Boost Converters with an Integrated High-Side Switch
Rev 0; 7/08
logo
Renesas Technology Corp
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
logo
STMicroelectronics
AN2359 STMICROELECTRONICS-AN2359 Datasheet
368Kb / 18P
   Double output Buck-Boost converter with VIPerX2A
logo
Renesas Technology Corp
RAA207703GBM RENESAS-RAA207703GBM Datasheet
164Kb / 18P
   Synchronous Buck Regulator with Internal Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com