Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV732 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV732
Description  High Speed 짹100V 2A Integrated Ultrasound Pulser
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV732 Datasheet(HTML) 3 Page - Supertex, Inc

  HV732 Datasheet HTML 1Page - Supertex, Inc HV732 Datasheet HTML 2Page - Supertex, Inc HV732 Datasheet HTML 3Page - Supertex, Inc HV732 Datasheet HTML 4Page - Supertex, Inc HV732 Datasheet HTML 5Page - Supertex, Inc HV732 Datasheet HTML 6Page - Supertex, Inc HV732 Datasheet HTML 7Page - Supertex, Inc HV732 Datasheet HTML 8Page - Supertex, Inc HV732 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
NR040506
HV732
I
NNEN
V
DD current EN = High
-
-140
-180
μA
P
IN = NIN = Low, VPP = +100V, VNN = -100V
I
LLQ
V
DD current EN = Low
-
1.0
5.0
μA
---
I
LLEN
V
DD current EN = High
-
16
25
μA
P
IN = NIN = Low
I
LNQ
V
DD current EN = Low
-
-1.0
-5.0
μA
---
I
LNEN
V
DD current EN = High
-
-230
-320
μA
P
IN = NIN = Low
Operating Supply Voltages and Current (cont.)
(Over recommended operating conditions unless otherwise specified: AV
DD = VDD = 12V, VLL = 3.3V, VLN = -5V, TA = 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
DC Electrical Characteristics
(Over recommended operating conditions unless otherwise specified: AV
DD = VDD = 12V, VLL = 3.3V, VLN = -5V, TA = 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Output P-Channel MOSFET, TX
P
I
OUT
Output saturation current
-2.0
-
-
A
V
GS = -10V, VDS = -25V
R
ON
Channel resistance
-
-
8
Ω
V
GS = -10V, IDS = -1.0A
R
GS
Gate to source resistor
10
-
50
I
GS = -100μA
V
GS
Source to gate zener voltage
-13.2
-
-25
V
I
GS = -2.0μA
V
GSF
Gate zener forward voltage
-0.5
-
-0.8
V
---
V
GS(th)
Gate threshold voltage
-1.0
-
-2.4
V
I
DS = -1.0mA
C
ISS
Input capacitance
-
-
200
pF
V
GS = 0V, VDS = -25V, f = 1Mhz
C
OSS
Output capacitance
-
25
55
pF
Output N-Channel MOSFET, TX
N
I
OUT
Output saturation current
2.0
-
-
A
V
GS = -10V, VDS = -25V
R
ON
Channel resistance
-
7.0
Ω
V
GS = -10V, IDS = -1.0A
R
GS
Gate to source resistor
10
-
50
I
GS = -100μA
V
GS
Source to gate zener voltage
13.2
-
25
V
I
GS = -2.0μA
V
GSF
Gate zener forward voltage
0.5
-
0.8
V
---
V
GS(th)
Gate threshold voltage
1.0
-
2.0
V
I
DS = -1.0mA
C
ISS
Input capacitance
-
-
110
pF
V
GS = 0V, VDS = -25V, f = 1Mhz
C
OSS
Output capacitance
-
28
60
pF
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Output P-Channel Damp MOSFET, OUT
P
I
OUT
Output saturation current
-
-1.0
-
A
V
GS = -10V, VDS = -25V
R
ON
Channel resistance
-
-
30
Ω
V
GS = -10V, IDS = -1.0A
R
GS
Gate to source resistor
-
75
100
I
GS = -100μA
V
GS
Source to gate zener voltage
-13.2
-
-25
V
I
GS = -2.0μA
V
GSF
Gate zener forward voltage
0.5
-
0.8
V
---
V
GS(th)
Gate threshold voltage
-1.0
-
-2.6
V
I
DS = -1.0mA
C
ISS
Input capacitance
-
-
200
pF
V
GS = 0V, VDS = -25V, f = 1Mhz
C
OSS
Output capacitance
-
-
60
pF
Symbol
Parameter
Min
Typ
Max
Units
Conditions


Similar Part No. - HV732

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
   4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
HV7321K6-G MICROCHIP-HV7321K6-G Datasheet
501Kb / 30P
   4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
logo
KOA Speer Electronics, ...
HV732ATTD1004D KOA-HV732ATTD1004D Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV732ATTD1004D KOA-HV732ATTD1004D Datasheet
232Kb / 2P
   flat chip resistors for high voltage
HV732ATTD1004F KOA-HV732ATTD1004F Datasheet
83Kb / 2P
   flat chip resistors for high voltage
More results

Similar Description - HV732

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
logo
Sirectifier Semiconduct...
HV7370 SIRECTIFIER-HV7370 Datasheet
840Kb / 7P
   Quad, High Speed, 짹100V 850mA, Ultrasound Damper
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
   Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com