Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8518EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8518EUB
Description  1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8518EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8518EUB Datasheet HTML 1Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 2Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 3Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 4Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 5Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 6Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 7Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 8Page - Maxim Integrated Products MAX8518EUB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1.425V to 3.6V Input, 1A,
0.2V Dropout LDO Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = +1.8V, VOUT = +1.5V, EN = IN, IOUT = 1mA, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, EN, POK (MAX8517), POR (MAX8518),
FB to GND .........................................................-0.3V to +4.0V
OUT to GND ..................................................-0.3V to (IN + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation
(TA = +70°C, EP soldered to PC board ground)
10-Pin µMAX (derate 10.3mW/°C above +70°C) .........824mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN
Input Voltage Range
1.425
3.600
V
Input Undervoltage Lockout
VIN rising, 70mV hysteresis
1.32
1.35
1.38
V
OUT
Output Voltage Range
0.5
3.4
V
Load Regulation
IOUT = 1mA to 1A
0.1
%/A
Line Regulation
VIN = 1.425V to 3.6V, VOUT = 1.225V, IOUT = 1mA
-0.15
0
+0.15
%/V
Dropout Voltage (VIN - VOUT)VIN = 1.425V, IOUT = 1A, VFB = 480mV
100
200
mV
Current Limit
VIN = 3.6V, VOUT = 3V, VFB = 480mV
1.6
2
2.4
A
Output Shutdown Leakage
VIN = 3.6V, VOUT = 0, VEN = 0
0.25
25
µA
FB
IOUT = 10mA, TA = +85
°C
497
500
503
FB Threshold Accuracy
VOUT = 1.225V to 3V, VIN = VOUT + 0.2V to 3.6V,
IOUT = 1mA to 1A
493
507
mV
FB Input Bias Current
VFB = 0.5V, VIN = 3.6V
0.001
1µA
GND
VIN = 3.6V, VOUT = 3V, IOUT = 100mA
320
GND Supply Current
Dropout, VIN = 3.6V, VFB = 480mV
340
600
µA
GND Shutdown Current
VIN = 3.6V, EN = GND
0.25
25
µA
POK (MAX8517 ONLY)
FB high
540
550
560
POK Threshold
VFB moving out of regulation,
VHYS = 10mV, IN = 1.425V to 3.6V
FB low
440
450
460
mV
POK Output Voltage Low
VFB = 0.4V or 0.6V, IPOK = 1mA
25
200
mV
POK Output Current High
VPOK = 3.6V
0.001
1µA
POK Fault Delay Time
From FB to POK
25
50
100
µs


Similar Part No. - MAX8518EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8518EUB MAXIM-MAX8518EUB Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8518EUB MAXIM-MAX8518EUB Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
More results

Similar Description - MAX8518EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5105 EXCELLIANCE-EM5105 Datasheet
416Kb / 10P
   1A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com