Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV831MG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV831MG
Description  High Voltage Dual EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV831MG Datasheet(HTML) 1 Page - Supertex, Inc

  HV831MG Datasheet HTML 1Page - Supertex, Inc HV831MG Datasheet HTML 2Page - Supertex, Inc HV831MG Datasheet HTML 3Page - Supertex, Inc HV831MG Datasheet HTML 4Page - Supertex, Inc HV831MG Datasheet HTML 5Page - Supertex, Inc HV831MG Datasheet HTML 6Page - Supertex, Inc HV831MG Datasheet HTML 7Page - Supertex, Inc HV831MG Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HV831
High Voltage Dual EL Lamp Driver
1
A081005
Features
Independent input control for lamp selection
Split supply capability
Patented output timing
One miniature inductor to power both lamps
Low shutdown current
Wide input voltage range 2.0V to 5.0V
Output voltage regulation
No SCR output
Available in 10 - pin MSOP package
Applications
Mobile cellular phones, dual display
Keypad and LCD backlighting
Portable instrumentation
Dual segment lamps
Hand held wireless communication devices
General Description
The Supertex HV831 is a high voltage driver designed for driving
two EL lamps with a combined area of 3.5 square inches. The input
supply voltage range is from 2.0V to 5.0V. The device is designed to
reduce the amount of audible noise emitted by the lamp. This device
uses a single inductor and minimum number of passive components
to drive two EL lamps. The nominal regulated output voltage of ±80V
is applied to the EL lamps. The two EL lamps can be turned on
and off by the two logic input control pins, C
1 and C2. The device is
disabled when both C
1 and C2 (pins 1 and 4) are at logic low.
The HV831 has an internal oscillator, a switching MOSFET, and two
high voltage EL lamp drivers. An external resistor connected between
the R
SW-OSC and the voltage supply pin VDD sets the frequency for the
switching MOSFET. The EL lamp driver frequency is set by dividing
the MOSFET switching frequency by 128. An external inductor is
connected between the L
X and the VDD pins.
Depending on the EL
lamp size, a 1.0 to 10.0nF, 100V capacitor is connected between C
S
and Ground. The two EL lamps are connected between EL
1 to Com
and EL
2 to Com.
The switching MOSFET charges the external inductor and discharges
it into the capacitor at C
S.
The voltage at C
S increases.
Once the
voltage at C
S reaches a nominal value of 80V, the switching MOSFET
is turned off to conserve power. The outputs EL
1 to Com and EL2 to
Com are configured as H bridges and switch in opposite states to
achieve 160V across the EL lamp.
Typical Application Circuit
D
CS
+
-
+
-
1
2
3
4
56
7
8
9
10
LX
VDD = ON
0 = OFF
VDD = ON
0 = OFF
VDD
CDD
VIN
CIN
RSW-OSC
HV831MG
EL Lamp 21
EL Lamp 11
V
DD
Com
C2
GND
EL
2
L
X
C
S
EL1
C1
R
SW-OSC
~
1 The bigger sized lamp should be tied to EL1 and the smaller
sized lamp to EL2 terminals (pins 10 and 9 respectively)


Similar Part No. - HV831MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV831MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV841 SUTEX-HV841 Datasheet
302Kb / 7P
   High Voltage Dual EL Lamp Driver
HV839 SUTEX-HV839 Datasheet
352Kb / 9P
   High Voltage Dual EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com