Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8614BETD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8614BETD
Description  Dual-Output ( and -) DC-DC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8614BETD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8614BETD Datasheet HTML 2Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 3Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 4Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 5Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 6Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 7Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 8Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 9Page - Maxim Integrated Products MAX8614BETD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual-Output (+ and -) DC-DC
Converters for CCD
6
_______________________________________________________________________________________
CHANGE IN OUTPUT VOLTAGE
vs. OUTPUT CURRENT (NEGATIVE OUTPUT)
OUTPUT CURRENT (mA)
0
25
50
75
100
125
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
VIN = 5V
VOUT- = -7.5V
VIN = 4.2V
VIN = 3V
VIN = 3.6V
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
100
200
300
400
500
600
700
800
900
1000
AVCC
VCC
SOFT-START WAVEFORMS
MAX8614A/B toc12
VONINV
5V/div
0V
10V/div
5V/div
100mA/div
0V
0V
VONBST
VBST
VINV
IIN
4ms/div
SEQ = GND
SOFT-START WAVEFORMS
MAX8614A/B toc13
VONINV
5V/div
0V
10V/div
5V/div
100mA/div
0V
0V
VONBST
VBST
VINV
IIN
4ms/div
SEQ = AVCC
LINE TRANSIENT
MAX8614A/B toc14
50mV/div
AC-COUPLED
50mV/div
AC-COUPLED
3.5V
VBST
VIN
3.5V TO 4.5V
TO 3.5V
VINV
40
µs/div
Typical Operating Characteristics (continued)
(TA = +25°C, VCC = VAVCC = 3.6V, SEQ = GND, Figure 1, unless otherwise noted.)
CHANGE IN OUTPUT VOLTAGE
vs. LOAD CURRENT (POSITIVE OUTPUT)
LOAD CURRENT (mA)
0
25
50
75
100
125
150
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
VCC = 3V
VCC = 5V
VCC = 4.2V
VCC = 3.6V


Similar Part No. - MAX8614BETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8614BETD MAXIM-MAX8614BETD Datasheet
1Mb / 16P
   Dual-Output ( and -) DC-DC Converters for CCD
Rev 3; 12/19
More results

Similar Description - MAX8614BETD

ManufacturerPart #DatasheetDescription
logo
Make-Ps
700PW MAKE-PS-700PW Datasheet
163Kb / 3P
   Single and Dual Output DC/DC Converter
1500WFR MAKE-PS-1500WFR Datasheet
150Kb / 3P
   Single and Dual Output DC/DC Converter
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
SL Power Electronics
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
   5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
TDK Electronics
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD40 TDK-PXD40 Datasheet
1Mb / 7P
   40W Single and Dual Output DC-DC converters
April 20, 2022 V1
PXD60 TDK-PXD60 Datasheet
2Mb / 7P
   60W Single and Dual Output DC-DC converters
April 13th, 2022 V2
logo
SL Power Electronics
DC1_DD SLPOWER-DC1_DD Datasheet
250Kb / 2P
   1W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Maxim Integrated Produc...
MAX8614 MAXIM-MAX8614 Datasheet
1Mb / 16P
   Dual-Output ( and -) DC-DC Converters for CCD
Rev 3; 12/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com