Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV859MG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV859MG-G
Description  High Voltage EL Lamp Driver for Low Noise Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV859MG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV859MG-G Datasheet HTML 1Page - Supertex, Inc HV859MG-G Datasheet HTML 2Page - Supertex, Inc HV859MG-G Datasheet HTML 3Page - Supertex, Inc HV859MG-G Datasheet HTML 4Page - Supertex, Inc HV859MG-G Datasheet HTML 5Page - Supertex, Inc HV859MG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 222-8888 / FAX: (408) 222-4895
www.supertex.com
©2006 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell its products for use in such applications, unless it receives an adequate
"product liability indemnification insurance agreement". Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of the devices
determined defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest
product specifications, refer to the Supertex website: http//www.supertex.com.
6
Doc.# DSFP - HV859
NR040306
HV859
8-Lead MSOP Package Outline (MG)
3.0° ± 3°
12° ± 4°
B
0.013 ± 0.005
(0.330 ± 0.127)
D
0.116 ± 0.004
(2.946 ± 0.102)
E
0.118 ± 0.004
(3.000 ± 0.102)
H
0.193 ± 0.006
(4.902 ± 0.152)
A1
0.004 ± 0.002
(0.102 ± 0.051)
A
0.040 ± 0.003
(1.016 ± 0.076)
BSC
0.0256
(0.650)
e
0.0215 ± 0.006
(0.546 ± 0.152)
L
0.006 ± 0.0003
(0.152 ± 0.0076)
C
Note: Circle (e.g. B ) indicates JEDEC Reference.
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =
Full Circle,
or Half Circle,
8-Lead DFN/MLP Package Outline (K7)
Bottom View
Top View
Side View
1.500
3.00
1.500
3.00
1.40
1.80
0.65
0.20
Pin #1 Index
All dimensions are in millimeters
Legend: min
max
1.55
2.40
0.23
0.37
0.20
0.40
0.70
0.80


Similar Part No. - HV859MG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV859MG-G SUTEX-HV859MG-G Datasheet
858Kb / 8P
   High Voltage EL Lamp Driver for Low Noise Applications
More results

Similar Description - HV859MG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857 Datasheet
638Kb / 14P
   High Voltage EL Lamp Driver for Low Noise Applications
HV859 SUTEX-HV859_13 Datasheet
858Kb / 8P
   High Voltage EL Lamp Driver for Low Noise Applications
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com