Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW5IC2030NBR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MW5IC2030NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW5IC2030NBR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MW5IC2030NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW5IC2030NBR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MW5IC2030NBR1 MW5IC2030GNBR1
9
RF Device Data
Freescale Semiconductor
2050
6.4 + j0.4
1990
Figure 21. Series Equivalent Input and Load Impedance
f
MHz
Zin
Zload
1800
1850
1930
6.9 - j0.3
6.7 - j0.1
6.9 - j0.3
49.7 - j9.3
47.7 - j9.8
44.8 - j8.5
VDD = 27 V, IDQ1 = 160 mA, IDQ2 = 230 mA
Zo = 50 Ω
Zload*
f = 1800 MHz
f = 2200 MHz
Zin
f = 2200 MHz
f = 1800 MHz
1960
6.6 + j0.1
6.6 - j0.0
44.0 - j7.3
44.6 - j5.6
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured
from drain to ground.
Z in
Z load
Device
Under Test
Output
Matching
Network
45.7 - j8.6
2150
2100
6.1 + j1.1
6.2 + j0.8
42.5 - j8.3
40.6 - j6.8
2200
6.0 + j1.6
39.3 - j5.0


Similar Part No. - MW5IC2030NBR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MW5IC2030NBR1 NXP-MW5IC2030NBR1 Datasheet
739Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
logo
Freescale Semiconductor...
MW5IC2030NBR1_065 FREESCALE-MW5IC2030NBR1_065 Datasheet
665Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW5IC2030NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com