Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVT3486 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LVT3486
Description  LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVT3486 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LVT3486 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVT3486 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8667A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
LVDS High-Speed Differential
Line Receivers
Features
• Signaling Rates >400Mbps (200 MHz)
• Single 3.3V Power Supply Design
• Accepts ±350mV (typical) Differential Swing
• Maximum Differential Skew of 0.35ns
• Integrated110-OhmterminationonPI90LVTxxxx
• Maximum Propagation Delay of 4.7ns
• Low Voltage TTL (LVTTL) Outputs
• Industrial Temperature Operating Range: -40°C to 85°C
• Open, Short, and Terminated Fail Safe
• Meets or Exceeds ANSI/TIA/EIA-644 LVDS Standard
• Packaging (Pb-free & Green available):
-16-PinTSSOP(L)
-16-PinSOIC(W)
-8-PinSOIC(W)
-8-PinMSOP(U)
PI90LV/LVT3486
PI90LV/LVT9637
PI90LV3486/PI90LVT3486
PI90LV9637/PI90LVT9637
Description
The PI90LV/LVT3486 and PI90LV/LVT9637 are differential line
receivers that use low-voltage differential signaling (LVDS) to
support data rates in excess of 400 Mbps. These products are
designed for applications requiring high-speed, low-power con-
sumption and low noise generation.
A differential input signal (350mV) is translated by the device to 3V
CMOS output level.
Applications
Applications include point-to-point and multidrop baseband data
transmission over controlled impedance media of approximately
100-ohms. The transmission media can be printed circuit board
traces, backplanes, or cables.
ThePI90LV/LVT3486andPI90LV/LVT9637,aswellascompanion
line drivers PI90LV/LVB3487 and PI90LV/LVB9638 provide new
alternatives to RS-232, PECL, and ECL devices for high-speed,
point-to-point interface applications.
16-Pin
W, L
8-Pin
W,U


Similar Part No. - PI90LVT3486

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVT386 PERICOM-PI90LVT386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
PI90LVT386 PERICOM-PI90LVT386 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
PI90LVT386AE PERICOM-PI90LVT386AE Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LVT3486

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com