Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8006-H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCA8006-H
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSVII)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8006-H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCA8006-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8006-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8006-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8006-H Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCA8006-H
2004-03-08
3
TENTATIVE
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, V DS = 0 V
±100
nA
Drain cut-OFF current
IDSS
VDS = 100 V, V GS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
100
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
5.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V , ID = 9 A
41
67
m
Forward transfer admittance
|Yfs|
VDS = 10 V , ID = 9 A
7.5
15
S
Input capacitance
Ciss
780
Reverse transfer capacitance
Crss
17
Output capacitance
Coss
VDS = 10 V , VGS = 0 V , f = 1 MHz
390
pF
Rise time
tr
(3)
Turn-ON time
ton
(13)
Fall time
tf
2
Switching time
Turn-OFF time
toff
Duty <
= 1%, tw = 10 µs
13
ns
Total gate charge
(gate-source plus gate-drain)
Qg
12
Gate-source charge 1
Qgs1
5.6
Gate-drain (“miller”) charge
Qgd
4.0
Gate switch charge
QSW
VDD
80 V, VGS = 10 V , ID = 18 A
6.9
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
IDRP
36
A
Forward voltage (diode)
VDSF
IDR = 18 A, V GS = 0 V
−1.7
V
VDD
50 V
0 V
VGS
10 V
ID = 9 A
VOUT


Similar Part No. - TPCA8006-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8006-H TOSHIBA-TPCA8006-H Datasheet
439Kb / 7P
   Switching Regulator Applications
TPCA8006-H TOSHIBA-TPCA8006-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCA8006-H TOSHIBA-TPCA8006-H_06 Datasheet
439Kb / 7P
   Switching Regulator Applications
More results

Similar Description - TPCA8006-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com