Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6150 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # V6150
Description  Power Surveillance and Software Monitoring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V6150 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button V6150 Datasheet HTML 2Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 3Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 4Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 5Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 6Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 7Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 8Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 9Page - List of Unclassifed Manufacturers V6150 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
V6150
6
The open window starts after the closed time window
finishes and lasts till T
WD + OWP(TWD). The open window
time is defined by T
OW = 2 x OWP(TWD).
For example if T
WD = 100 ms (actual value) and OWP =
± 20% this means the closed window lasts during first
the 80 ms (T
CW = 80 ms = 100 ms − 0.2 (100 ms)) and
the open window the next 40 ms (T
OW = 2 x 0.2 (100 ms)
= 40 ms). The watchdog can be serviced between 80
ms and 120 ms after the timer reset. However as the
time base is
± 10% accurate, software must use the
following calculation as the limits for servicing signal
TCL during the open window:
Related to curves (Fig. 10 to Fig. 20), especially Fig. 19
and Fig. 20, the relation between T
WD and REXT could
easily be defined. Let us take an example describing the
variations due to production and temperature:
1. Choice, T
WD = 26 ms.
2. Related to Fig. 20, the coefficient (T
WD to REXT) is 1.155
where R
EXT is in kW and TWD in ms.
3. R
EXT (typ.) = 26 x 1.155 = 30.0 kW.
4.
26 ms at +25
°C
a)(26 - 10% = 23.4 ms) (26 + 10% = 28.6 ms)a)
b)(23.4 - 5% = 22.2 ms)
(28.6 + 5% = 30.0 ms)b)
min.: (30.0 - 20% = 24.0 ms) max.: (22.2 + 20% = 26.7 ms)
Typical TCL period of
(24.0 + 26.7) / 2 = 25.4 ms
The ratio between T
WD
= 26 ms and the (TCL
period)= 25.4 ms is 0.975.
Then the relation over the production and the full
temperature range is, TCL period = 0.975 x T
WD or
TCL period =
, as typical value.
a) While PRODUCTION value unknown for the custo-
mer when R
EXT ¹ 123 kW.
b) While operating TEMPERATURE range
-40 °C ≤
T
A ≤ +85 °C.
5. If you fixed a TCL period = 26 ms
ÞREXT
= 30.8 kW.
If during your production the T
WD time can be measur-
ed at T
A = +25 °C and the mC can adjust the TCL
period, then the TCL period range will be much larger
for the full operating temperature.
Timer Clearing and RES Action
The watchdog circuit monitors the activity of the
processor. If the user’s software does not send a pulse
to the TCL input within the programmed open window
timeout period, a short watchdog RES pulse is
generated which is equal to T
WD/40 = 2.5 ms typically
(see Fig. 6).
With the open window constraint, new security is added
to conventional watchdogs by monitoring both software
cycle time and execution. Should software clear the
watchdog too quickly (incorrect cycle time) or too slowly
(incorrect execution), it will cause the system to be reset.
If the software is stuck in a loop which includes the
routine to clear the watchdog, then a conventional
watchdog would not make a system even though the
software is malfunctioning; the V6150 would make a
system reset because the watchdog would be cleared
too quickly.
If no TCL pulse is applied before the closed and open
windows expire, RES will start to generate square waves
of period
− T
CW + TOW + TWDR. The watchdog will remain
in this state until the next TCL falling edge appears
during an open window, or until a fresh power-up
sequence. The system enable output, EN, can be used
to prevent critical control functions being activated in the
event of the system going into this failure mode (see
section “Enable - EN Output”).
The RES output must be pulled up to V
DD even if the
output is not used by the system (see Fig. 9).
Combined Voltage and Timer Action
The combination of voltage and timer actions is
illustrated by the sequence of events shown in Fig. 7. On
power-up, when the voltage at V
IN reaches VREF,
the
power-on-reset, POR, delay is initialized and holds RES
active for the time of the POR delay. A TCL pulse will
have no effect until this power-on-reset delay is
completed. After the POR delay has elapsed, RES goes
inactive and the watchdog timer starts acting. If no TCL
pulse occurs, RES goes active low for a short time T
WDR
after each closed and open window period. A TCL pulse
coming during the open window clears the watchdog
timer. When the TCL pulse occurs too early (during the
closed window), RES goes active and a new timeout
sequence starts. A voltage drop below the V
REF level for
longer than typically 5 ms, overrides the timer and
immediately forces RES active and EN inactive. Any
further TCL pulse has no effect until the next power-up
sequence has completed.
Enable -
- EN Output
The system enable output, EN, is inactive always when
RES is active and remains inactive after a RES pulse
until the watchdog is serviced correctly 3 consecutive
times (ie. the TCL pulse must come in the open
window). After three consecutive services of the
watchdog with TCL during the open window, the EN
goes active low.
A malfunctioning system would be repeatedly reset by
the watchdog. In a conventional system critical motor
controls could be energized each time reset goes
inactive (time allowed for the system to restart) and in
this way the electrical motors driven by the system could
function out of control. The V6150 prevents the above
failure mode by using the EN output to disable the motor
controls until software has successfully cleared the
watchdog three times (i.e. the system has correctly
restarted after a reset condition).
For the version 00 the EN output must be pulled up to
V
DD even if the output is not used by the system (see
Fig.9).
0.975 x R
EXT
1.155
26 x 1.155
0.975


Similar Part No. - V6150

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
V61558P EMMICRO-V61558P Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
V61558S EMMICRO-V61558S Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
More results

Similar Description - V6150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
Tripp Lite. All Rights ...
WATCHDOGSW TRIPPLITE-WATCHDOGSW Datasheet
524Kb / 2P
   WatchDog Service Monitoring - Reboot Software
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
   Security and Surveillance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com