Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3225TB Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPC3225TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3225TB Datasheet(HTML) 9 Page - California Eastern Labs

Back Button UPC3225TB Datasheet HTML 5Page - California Eastern Labs UPC3225TB Datasheet HTML 6Page - California Eastern Labs UPC3225TB Datasheet HTML 7Page - California Eastern Labs UPC3225TB Datasheet HTML 8Page - California Eastern Labs UPC3225TB Datasheet HTML 9Page - California Eastern Labs UPC3225TB Datasheet HTML 10Page - California Eastern Labs UPC3225TB Datasheet HTML 11Page - California Eastern Labs UPC3225TB Datasheet HTML 12Page - California Eastern Labs UPC3225TB Datasheet HTML 13Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
+20
+10
0
–10
–20
–30
–40
–50
–60
–70
–40
–30
–15
–25
–20
–35
f1 = 2 200 MHz
f2 = 2 201 MHz
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
IM3
Pout
+20
+10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–40
0
–20
–10
–30
f1 = 1 000 MHz
f2 = 1 001 MHz
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
IM3
Pout
+20
+10
0
–10
–20
–30
–40
–50
–60
–70
–40
–30
0
–20
–10
OUTPUT POWER, IM2 vs. INPUT POWER
Input Power Pin (dBm)
IM2
Pout
f1 = 1 000 MHz
f2 = 1 001 MHz
60
50
40
30
20
10
0
–10
–40
–20
0
–10
–30
IM2 vs. INPUT POWER
Input Power Pin (dBm)
4.5 V
VCC = 5.5 V
5.0 V
Remark The graphs indicate nominal characteristics.
Data Sheet PU10558EJ01V0DS
9
UPC3226TB


Similar Part No. - UPC3225TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3225TB CEL-UPC3225TB Datasheet
350Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3225TB RENESAS-UPC3225TB Datasheet
377Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPC3225TB-E3 CEL-UPC3225TB-E3 Datasheet
350Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC3225TB-E3 NEC-UPC3225TB-E3 Datasheet
163Kb / 17P
   5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Similar Description - UPC3225TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com