Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC8051C2XXX16CBR Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # TSC8051C2XXX16CBR
Description  8-Bit Microcontroller for Digital Computer Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C2XXX16CBR Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button TSC8051C2XXX16CBR Datasheet HTML 6Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 7Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 8Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 9Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 10Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 11Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 12Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 13Page - TEMIC Semiconductors TSC8051C2XXX16CBR Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
10
Preview
MATRA MHS
Certain locations in program memory are reserved for
specific purposes. Locations 0000h to 0002h are
reserved for the initialisation program. Following reset,
the CPU always begins execution at location 0000h.
Locations 0003h to 002Ah are reserved for the five
interrupt request service routines.
The internal data memory space is divided into a
256–bytes internal RAM address space and a 128 bytes
special function register address space.
The internal data RAM address space is 0 to FFh. Four
8–bit register banks occupy locations 0 to 1Fh. 128 bit
locations of the internal data RAM are accessible
through direct addressing. These bits reside in 16 bytes
of internal RAM at location 20h to 2Fh. The stack can
be located anywhere in the internal data RAM address
space by loading the 8–bit stack pointer (SP SFR).
The SFR address space is 100h to 1FFh. All registers
except the program counter and the four 8–bit register
banks reside in this address space. Memory mapping of
the SFRs allows them to be accessed as easily as internal
RAM, and as such, they can be operated on by most
instructions.The mapping in the SFR address space of
the 40 SFRs is shown in Table 2. The SFR names in
italic are TSC8051C2 new SFRs and are described in
Peripherals Functional Description section. The SFR
names in bold are bit addressable.
Table 2. Mapping of Special Function Register
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8
PWM8
PWM9
PWM10
PWM11
F0
B
PWM4
PWM5
PWM6
PWM7
E8
PWM0
PWM1
PWM2
PWM3
E0
ACC
EICON
SOCR
HWDR
MXCR0
D8
PWMCON
D0
PSW
MXCR1
C8
C0
B8
IP
B0
P3
A8
IE
MSCON
A0
P2
98
SCON
SBUF
90
P1
88
TCON
TMOD
TL0
TL1
TH0
TH1
80
P0
SP
DPL
DPH
PCON
6.8. Interrupts
The TSC8051C2 has five interrupt sources, each of
which can be assigned one of two priority levels. These
five interrupt sources are common to the 80C51 and are
the external interrupts (INT0 and INT1), the timer 0 and
timer 1 interrupts (IT0 and IT1), and the serial I/O
interrupt (RI or TI).


Similar Part No. - TSC8051C2XXX16CBR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC8051C1XXX-12CAB TEMIC-TSC8051C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAD TEMIC-TSC8051C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CAR TEMIC-TSC8051C1XXX-12CAR Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBB TEMIC-TSC8051C1XXX-12CBB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC8051C1XXX-12CBD TEMIC-TSC8051C1XXX-12CBD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

Similar Description - TSC8051C2XXX16CBR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com