Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3J745 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3J745
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3J745 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3J745 Datasheet HTML 1Page - Panasonic Semiconductor MA3J745 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA3J745
IF  VF
IR  VR
VF  Ta
Ct  VR
IR  Ta
10−2
0
0.4
0.8
1.2
1.6
2.0
2.4
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 125°C
− 20°C
75
°C 25°C
0
0.2
0.4
0.6
0.8
1.0
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
IF
= 30 mA
10 mA
1 mA
10−1
0
5
10
15
20
25
30
1
10
102
103
104
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
5
10
15
20
25
30
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
10−1
−40
0
40
80
120
160
200
1
10
102
103
104
Ambient temperature T
a
(
°C)
VR
= 30 V
3 V
1 V


Similar Part No. - MA3J745

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3J745 PANASONIC-MA3J745 Datasheet
75Kb / 3P
   Schottky Barrier Diodes (SBD)
MA3J745D PANASONIC-MA3J745D Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA3J745E PANASONIC-MA3J745E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA3J745

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com