Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0506 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0506
Description  PIN Diode SP6T
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0506 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0506 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP6T
MODEL NUMBER
DS0506
FEATURES
• 100 - 600 MHz
• 0.6 dB Insertion Loss
• Handles +25 dBm
• 250 nSec Switching Speed
• Non-Reflective
• TTL Driver
• 38 Pin DIP
PIN Diode SP6T
D AICO Industr ies
160
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP5T


Similar Part No. - DS0506

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
   DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
More results

Similar Description - DS0506

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW68034 DAICO-DSW68034 Datasheet
169Kb / 1P
   PIN Diode SP6T
CSWX1923 DAICO-CSWX1923 Datasheet
28Kb / 1P
   PIN Diode SP2T & SP6T
logo
M/A-COM Technology Solu...
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
   SP6T PIN Diode Switches
logo
DAICO Industries, Inc.
100C1286 DAICO-100C1286 Datasheet
28Kb / 1P
   High Isolation PIN Diode SP6T
100C1296 DAICO-100C1296 Datasheet
28Kb / 1P
   High Isolation PIN Diode SP6T
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com