Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4298 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT4298
Description  Five/Six Channel Push/Pull I/O Expander
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4298 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT4298 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AAT4296/98
Five/Six Channel Push/Pull I/O Expander
4296.2006.02.1.1
9
Functional Description
The AAT4296/98 is comprised of five/six push/pull
output slew rate limited load switches primarily tar-
geted
for
microcontroller
general
purpose
input/output (I/O) expansion applications. Each
push/pull output is supplied by the common V
CC
input and is controlled via the digital EN/SET input
pin. When a given output is enabled, the voltage
source applied to the VCC pin is then switched to
the respective output.
The high-side P-channel
MOSFET transistor has a typical on resistance
(R
DS(ON)) of 3Ω when operating from a 3.6V supply.
When a respective output is disabled or turned off,
the given output pin is then connected to ground
through a low side N-channel MOSFET with a typi-
cal on resistance (R
DS(ON)) of 2Ω. This circuit archi-
tecture affects a simple logic control with the high
level based on the applied V
CC.
For the AAT4296,
this creates a 1-to-5 I/O expander, and for the
AAT4298 this creates a 1-to-6 I/O expander. Both
the AAT4296 and AAT4298 have been designed to
operate with an input voltage range of 1.8V to 5.5V,
making them ideal for battery-powered applications.
Functional Block Diagram
V
CC
GND
OUT1
AAT4298
OUT2
OUT3
OUT4
OUT5
EN/SET
S2Cwire
Serial
Interface
OUT6


Similar Part No. - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4298 AAT-AAT4298 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4298 ANALOGICTECH-AAT4298 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analog Technol...
AAT4298IJQ-T1 AAT-AAT4298IJQ-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4298IJQ-T1 ANALOGICTECH-AAT4298IJQ-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analog Technol...
AAT4298ITP-T1 AAT-AAT4298ITP-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
More results

Similar Description - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4296 AAT-AAT4296 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296_06 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
SiGe Semiconductor, Inc...
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com