Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3527 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV3527
Description  275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3527 Datasheet(HTML) 3 Page - Supertex, Inc

  HV3527 Datasheet HTML 1Page - Supertex, Inc HV3527 Datasheet HTML 2Page - Supertex, Inc HV3527 Datasheet HTML 3Page - Supertex, Inc HV3527 Datasheet HTML 4Page - Supertex, Inc HV3527 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12-15
HV3527
Latch Enable
HVOUT
w/ S/R LOW
Data Valid
50%
50%
Data Input
Clock
(DIOA/DIOB)
50%
50%
50%
tSU
tH
tWL
tWH
50%
50%
tDLH
tDHL
50%
tWLE
tDLE
tSLE
50%
50%
tON
10%
HVOUT
w/ S/R HIGH
90%
90%
10%
tOFF
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VIH
VOL
VOH
VOL
VOH
VOL
Data OUT
VDD
Input
GND
VPP
GND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
Input and Output Equivalent Circuits
Switching Waveforms


Similar Part No. - HV3527

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HV35 WELWYN-HV35 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
More results

Similar Description - HV3527

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com