Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3527PG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV3527PG
Description  275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3527PG Datasheet(HTML) 2 Page - Supertex, Inc

  HV3527PG Datasheet HTML 1Page - Supertex, Inc HV3527PG Datasheet HTML 2Page - Supertex, Inc HV3527PG Datasheet HTML 3Page - Supertex, Inc HV3527PG Datasheet HTML 4Page - Supertex, Inc HV3527PG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
12-14
HV3527
Symbol
Parameter
Min
Typ
Max
Units
Conditions
fCLK
Clock Frequency
6
MHz
tW
Clock Width High and Low
High
83
ns
tSU
Data Setup Time Before Clock Rises
35
ns
tH
Data Hold Time After Clock Rises
30
ns
tWLE
Width of Latch Enable Pulse
80
ns
tDLE
LE Delay Time Rising Edge of Clock
35
ns
tSLE
LE Setup Time Before Rising Edge of Clock
40
ns
tON, tOFF
Time from Latch Enable to HVOUT
1.5
µsC
L = 20pF
tDHL
Delay Time Clock to Data High to Low
110
ns
CL = 20pF
tDLH
Delay Time Clock to Data Low to High
160
ns
CL = 20pF
tr, tf
All Logic Inputs
5
ns
Notes:
1. Shift register speed can be as low as DC as long as Data Set-up and Hold Time meet the spec.
2. AC Characteristics are guaranteed only under VDD = 5V.
Symbol
Parameter
Min
Typ
Max
Units
VDD
Logic supply voltage
4.5
5.0
5.5
V
V
PP
High voltage supply
60
275
V
VIH
High-level input voltage
VDD -0.9
VDD
V
VIL
Low-level input voltage
0
0.9
V
TA
Operating free-air temperature
0
+70
°C
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
Power-down sequence should be the reverse of the above.
Electrical Characteristics (over recommended operating conditions unless noted)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDD
VDD Supply Current
25
mA
fCLK = 6MHz, fDATA = 3MHz
LE = LOW
IDDQ
Quiescent VDD Supply Current
200
µA
All VIN = 0V or VDD
IPP
High Voltage Supply Current
0.50
mA
VPP = 275V All outputs high
0.50
mA
VPP = 275V All outputs low
IIH
High-Level Logic Input Current
10
µAV
IH = VDD
IIL
Low-Level Logic Input Current
-10
µAV
IL = 0V
VOH
High-Level Output
HVOUT
200
V
VPP = 275V, IHVOUT = -1mA
Data Out
VDD -1V
V
IDOUT = -100µA
VOL
Low-Level Output
HVOUT
10
V
IHVOUT = 1mA, VDD = 5V
Data Out
1.0
V
IDOUT = 100µA
VOC
HVOUT Clamp Voltage
VPP +1.5
V
IOL = +5mA
-1.5
V
IOL = -5mA
DC Characteristics
Recommended Operating Conditions
AC Characteristics1,2 (For V
DD = 5V; VPP = 275V, TA = 25°C)


Similar Part No. - HV3527PG

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HV35 WELWYN-HV35 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
More results

Similar Description - HV3527PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com