Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9608 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9608
Description  Active Clamp Current-Mode PWM Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9608 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9608 Datasheet HTML 1Page - Supertex, Inc HV9608 Datasheet HTML 2Page - Supertex, Inc HV9608 Datasheet HTML 3Page - Supertex, Inc HV9608 Datasheet HTML 4Page - Supertex, Inc HV9608 Datasheet HTML 5Page - Supertex, Inc HV9608 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HV9608
2
A122104
Electrical Characteristics (The * denotes the specifications which apply over the full operating temperature
range of -40
°C < T
A < +85°C, otherwise the specifications are at TA = 25°C, VD D = 10V, unless otherwise noted)
VIN_Pre-Regulator/Start-up/ VDD_Supply
Symbol
Parameter
Min
Typ.
Max
Units
Conditions
VIN
Regulator input voltage
12
250
V
IIN,MAX
Maximum regulator current
20
mA
VIN = 24V, VDD = 9.2V
VDD,REG
Regulator output voltage
9.27
9.46
9.65
V
VIN [12V – 250V]
VDD, MAX
Supply voltage range
12
V
To guarantee table parameters
VDD,STOP
VDD under voltage threshold
7.58
7.74
7.90
V
VDD falling
VDD,START
VDD startup voltage
8.33
8.5
8.67
V
VDD rising
IDD,OFF
Supply standby quiescent current
1.25
1.8
mA
RT = 110 KΩ; RDT1= 80KΩ;
RDT1= 80KΩ; UVLO tied to
ground;
Under Voltage Lockout (UVLO)
Symbol
Parameter
Min
Typ.
Max
Units
Conditions
Vth,UVLO
UVLO threshold voltage
1.112
1.135
1.158
V
*
IHYS,UVLO
UVLO hysteresis current
14
µA
Guaranteed by design
GATE/AGATE_MOSFET Driver Output
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tR1
Main gate rise time
40
60
nSec
CLOAD = 1nF
tF1
Main gate fall time
20
30
nSec
CLOAD = 1nF
tR2
Auxiliary gate rise time
40
60
nSec
CLOAD = 0.5nF
tF2
Auxiliary gate fall time
20
30
nSec
CLOAD = 0.5nF
RDT1, RDT2 Dead time control resistor range
40
400
K
d1
Rising edge delay from AGATE to
GATE
80
105
130
nSec
RDT1 = 80K
d2
Falling edge delay from GATE to
AGATE
100
400
nSec
RDT2 = 80K
Absolute Maximum Ratings*
Input Voltage, VIN
-0.3V to +250V
Supply Voltage, VDD
+13.5V max
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature Range
-40°C to +125°C
Storage Temperature Range
-65° to +150°C
Power Dissipation @ 25°C, TSSOP
1000mW
Ordering Information
Package Options
DEVICE
16-Pin TSSOP
HV9608
HV9608TS
*All voltages referenced to GND pin.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device.
These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - HV9608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV96001 MICROCHIP-HV96001 Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
HV96001-E/D7X MICROCHIP-HV96001-E/D7X Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
HV96001-E/NFA MICROCHIP-HV96001-E/NFA Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results

Similar Description - HV9608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com