Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9608 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9608
Description  Active Clamp Current-Mode PWM Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9608 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9608 Datasheet HTML 1Page - Supertex, Inc HV9608 Datasheet HTML 2Page - Supertex, Inc HV9608 Datasheet HTML 3Page - Supertex, Inc HV9608 Datasheet HTML 4Page - Supertex, Inc HV9608 Datasheet HTML 5Page - Supertex, Inc HV9608 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HV9608
3
A122104
Electrical Characteristics (continued from page 2) (The * denotes the specifications which apply over the full
operating temperature range of -40
°C < T
A < +85°C, otherwise the specifications are at TA = 25°C, VDD = 10V, unless otherwise noted)
RT_Oscillator
Symbol
Parameter
Min
Typ
Max
Units
Conditions
fOSC,MIN
Minimum operating frequency
25
KHz
RT = 1.862MΩ
fOSC,MAX
Maximum operating frequency
800
KHz
RT = 52.3KΩ
fOSC
Frequency variation
220
250
280
KHz
* RT = 169KΩ
∆f/f
VDD supply voltage stability of
frequency
3
%
RT = 169KΩ, 7.8V < VDD < 12V
PWM
Symbol
Parameter
Min
Typ
Max
Units
Conditions
DMAX
Maximum GATE duty cycle
95
%
* fOSC = 100KHz (RT = 453KΩ)
DMAX
Maximum GATE duty cycle
85
%
* fOSC = 800KHz (RT = 52.3KΩ)
DMIN
Minimum GATE duty cycle
0
%
DMIN
Minimum GATE duty cycle
0
%
Reference
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VREF
Reference output voltage
1.112
1.135
1.158
V
*
ISRC
Maximum sourcing current
2
mA
VREF
Load regulation
5
mV
0 < IREF < 2 mA
VREF
Line regulation
20
mV
7.8V < VDD < 12V
Current Sensing
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VCS
Current limit threshold voltage
0.58
0.6
0.62
V
tBLANK
Leading edge current sense
blanking time
100
nSec
tDELAY
Current limit delay to output
70
120
nSec
VCS = 0 to 1V step after blanking
time
Error Amplifier
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IFB
Input bias current
25
200
nA
VFB = VCOMP
VFB
FB input voltage
1.112
1.135
1.158
V
VFB = VCOMP
AVOL
Open loop voltage gain
70
dB
BW
Unity gain bandwidth
2
MHz
ISOURCE
Maximum output current sourcing
2
mA
ISINK
Maximum output current sinking
4
mA
VCOMP
Output clamped voltage
3.3
3.45
3.6
V
Soft Start
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VSS,LOW
Soft start low output
0.1
V
VSS,HI
Soft start high output
5.25
5.45
5.65
V
ISS,HI
Soft start output current
7
µA
tF
Soft start output fall time
10
µSec
CSS = 0.1µF; VFB = VCOMP;
I SS,LO
Pulse-by-pulse current limit mode
sink current
7
µA


Similar Part No. - HV9608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV96001 MICROCHIP-HV96001 Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
HV96001-E/D7X MICROCHIP-HV96001-E/D7X Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
HV96001-E/NFA MICROCHIP-HV96001-E/NFA Datasheet
2Mb / 45P
   Secondary-Side, Micro-Interfaced, Flicker-Free LED Controller with Enhanced PWM and Analog Dimming
Revision B June 2020
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
More results

Similar Description - HV9608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com