Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc HV9921 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
NR092005
HV9921/HV9922/HV9923
Select L1 68mH, I=30mA. Typical SRF=170KHz. Calculate
the coil capacitance.
Step 2. Selecting D1
Usually, the reverse recovery characteristics of ultra-
fast rectifiers at I
F=20~50mA
are not provided in the
manufacturer’s data books. The designer may want to
experiment with different diodes to achieve the best result.
Select D1 MUR160 with V
R = 600V, trr
≈ 20ns (I
F=20mA,
I
RR=100mA) and CJ ≈ 8pF (VF>50V).
Step 3. Calculating total parasitic capacitance using (3)
Step 4. Calculating the leading edge spike duration using
(4), (5)
Step 5. Estimating power dissipation in HV9921 at 264VAC
using (8) and (10)
Let us assume that the overall efficiency
η = 0.7.
Switching power loss:
P
SWITCH ≈ 120mW
Minimum duty ratio:
Conduction power loss:
Total power dissipation in HV9921:
Step 6. Selecting input capacitor C
IN
Select C
IN
ECQ-E4104KF by Panasonic (0.1
µF, 400V,
Metalized Polyester Film).
()
(
)
L
22
11
C13 pF
L1 2
SRF
68mH
2
170KHz
ππ
==
⋅⋅
⋅⋅
P
C
5 pF 5 pF 13 pF 8 pF
31pF
=+
+
+
=
()
SPIKE
BLANK MIN
264V
2 31pF
T
20ns 136ns T
100mA
⋅⋅
=+
<
()
..
SWITCH
141V
P
264V 31pF 2 100mA 20ns 264V
210 5 s
07
µ
⎛⎞
≈⋅
+ ⋅
⎜⎟
⎝⎠
/( .
)
.
m
D
41V 07 264V
2
0 16
=⋅
()
..
2
COND
P
0 25 20mA
210
0 63 200 A 264V
55mW
Ωµ
=⋅
+
TOTAL
P
120mW
55mW
175mW
=+
=
Output Power 41V 20mA 820mW
=⋅
=
Figure 2. Universal 85-264VAC LED Lamp Driver
C
IN
AC Line
85-264V
C
DD
1
3
2
HV9921/22/23
D1
L1
LED
1 -LED12
D2
U1
D3
D4
D5
C
IN2
L
IN
VRD1
F1
C
O
VDD
DRAIN
GND


Similar Part No. - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
   3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
HV9921N3 SUTEX-HV9921N3 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Microchip Technology
HV9921N3-G MICROCHIP-HV9921N3-G Datasheet
339Kb / 19P
   3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
More results

Similar Description - HV9921

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
   3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com