Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9925SG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9925SG-G
Description  Programmable-Current LED Lamp Driver IC with PWM Dimming
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9925SG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV9925SG-G Datasheet HTML 1Page - Supertex, Inc HV9925SG-G Datasheet HTML 2Page - Supertex, Inc HV9925SG-G Datasheet HTML 3Page - Supertex, Inc HV9925SG-G Datasheet HTML 4Page - Supertex, Inc HV9925SG-G Datasheet HTML 5Page - Supertex, Inc HV9925SG-G Datasheet HTML 6Page - Supertex, Inc HV9925SG-G Datasheet HTML 7Page - Supertex, Inc HV9925SG-G Datasheet HTML 8Page - Supertex, Inc HV9925SG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
NR021506
HV9925
Typical Performance Characteristics (T
J
(T
(T = 25
JJ
O
C unless otherwise noted)
Threshold Voltage VTH vs Temperature TJ
ON Resistance RON vs Temperature TJ
OFF Time TOFF vs Temperature TJ
Output Capacitance CDRAIN vs VDRAIN
DRAIN Breakdown Voltage BV vs TJ
Output Characteristics IDRAIN vs VDRAIN
490
500
510
520
530
540
550
560
570
580
-40
-15
10
35
60
85
110
Junction Temperature, °C
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
DRAIN Voltage, V
1
10
100
1000
0
10
20
30
40
DRAIN Voltage, V
0.460
0.465
0.470
0.475
0.480
0.485
-40
-15
10
35
60
85
110
Junction Temperature, °C
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
-40
-15
10
35
60
85
110
Junction Temperature, °C
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
110
Junction Temperature, °C
TJ = 25OC
TJ = 125OC


Similar Part No. - HV9925SG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9925SG-G SUTEX-HV9925SG-G Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
More results

Similar Description - HV9925SG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9925-08 SUTEX-HV9925-08 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com