Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9922N3 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9922N3
Description  3-Pin Switch-Mode LED Lamp Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9922N3 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9922N3 Datasheet HTML 1Page - Supertex, Inc HV9922N3 Datasheet HTML 2Page - Supertex, Inc HV9922N3 Datasheet HTML 3Page - Supertex, Inc HV9922N3 Datasheet HTML 4Page - Supertex, Inc HV9922N3 Datasheet HTML 5Page - Supertex, Inc HV9922N3 Datasheet HTML 6Page - Supertex, Inc HV9922N3 Datasheet HTML 7Page - Supertex, Inc HV9922N3 Datasheet HTML 8Page - Supertex, Inc HV9922N3 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HV9921/22
NR040805
5
Functional Description
HV9921 and HV9922 are PWM peak current
controllers for controlling a buck converter topology
in continuous conduction mode (CCM). The output
current is internally preset at 20mA (HV9921) or
50mA (HV9922).
When the input voltage of 20 to 400V appears at the
DRAIN pin, the internal high-voltage linear regulator
seeks to maintain a voltage of 7VDC at the VDD pin.
Until this voltage exceeds the internally programmed
under-voltage
threshold,
the
output
switching
MOSFET is non-conductive. When the threshold is
exceeded, the MOSFET turns on. The input current
begins to flow into the DRAIN pin. Hysteresis is
provided in the under-voltage comparator to prevent
oscillation.
When the input current exceeds the internal preset
level, a current sense comparator resets an RS flip-
flop, and the MOSFET turns off. At the same time, a
one-shot circuit is activated that determines the
duration of the off-state (10.5
µS typ.). As soon as
this time is over, the flip-flop sets again. The new
switching cycle begins.
A “blanking” delay of 300nS is provided that
prevents false triggering of the current sense
comparator due to the leading edge spike caused by
circuit parasitics.
Application Information
The HV9921/22 is a low-cost off-line buck converter
IC specifically designed for driving multi-LED strings.
It can be operated from either universal AC line
range of 85 to 264VAC, or 20 to 400VDC, and drives
up to tens of high brightness LEDs. All LEDs can be
run in series, and the HV9921/22 regulates at
constant current, yielding uniform illumination. The
HV9921/22 is compatible with triac dimmers. The
output current is internally fixed at 20mA for HV9921
and 50mA for HV9922. Both parts are available in
space saving TO-92 and SOT-89 packages.
Selecting L1 and D1
There is a certain trade-off to be considered
between optimal sizing of the output inductor L1 and
the tolerated output current ripple. The required
value of L1 is inversely proportional to the ripple
current
∆IO in it.
O
OFF
O
I
T
V
L
=
1
(1)
VO is the forward voltage of the LED string. TOFF is
the off-time of the HV9921/22. The output current in
the LED string (IO) is calculated then as:
O
TH
O
I
I
I
=
2
1
,
(2)
where ITH is the current sense comparator threshold.
The ripple current introduces a peak-to-average
error in the output current setting that needs to be
accounted for. Due to the constant off-time control
technique used in the HV9921/22, the ripple current
is independent of the input AC or DC line voltage
variation. Therefore, the output current will remain
unaffected by the varying input voltage.
Adding a filter capacitor across the LED string can
reduce the output current ripple even further, thus
permitting a reduced value of L1. However, one
must keep in mind that the peak-to-average current
error is affected by the variation of TOFF. Therefore,
the initial output current accuracy might be sacrificed
at large ripple current in L1.
Another important aspect of designing an LED driver
with HV9921/22 is related to certain parasitic
elements of the circuit, including distributed coil
capacitance of L1, junction capacitance and reverse
recovery of the rectifier diode D1, capacitance of the
printed circuit board traces CPCB and output
capacitance CDRAIN of the controller itself. These
parasitic elements affect the efficiency of the
switching converter and could potentially cause false
triggering of the current sense comparator if not
properly managed. Minimizing these parasitics is
essential for efficient and reliable operation of
HV9921/22.
Coil capacitance of inductors is typically provided in
the manufacturer’s data books either directly or in
terms of the self-resonant frequency (SRF).
)
2
/(
1
L
C
L
SRF
=
π
,
where L is the inductance value, and CL is the coil
capacitance.)
Charging
and
discharging
this
capacitance every switching cycle causes high-
current spikes in the LED string. Therefore,
connecting a small capacitor CO (~10nF) is
recommended to bypass these spikes.
Using an ultra-fast rectifier diode for D1 is
recommended to achieve high efficiency and reduce
the risk of false triggering of the current sense
comparator. Using diodes with shorter reverse
recovery time t
rr and lower junction capacitance C
J
achieves better performance. The reverse voltage


Similar Part No. - HV9922N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9922N3-G SUTEX-HV9922N3-G Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
More results

Similar Description - HV9922N3

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
   3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Supertex, Inc
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com