Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR12LG Datasheet(PDF) 4 Page - Supertex, Inc

Part # LR12LG
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12LG Datasheet(HTML) 4 Page - Supertex, Inc

  LR12LG Datasheet HTML 1Page - Supertex, Inc LR12LG Datasheet HTML 2Page - Supertex, Inc LR12LG Datasheet HTML 3Page - Supertex, Inc LR12LG Datasheet HTML 4Page - Supertex, Inc LR12LG Datasheet HTML 5Page - Supertex, Inc LR12LG Datasheet HTML 6Page - Supertex, Inc LR12LG Datasheet HTML 7Page - Supertex, Inc LR12LG Datasheet HTML 8Page - Supertex, Inc LR12LG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
LR12
A081605
Typical Application Circuits
LR12
VIN = 15V
to 100V
VOUT
ADJ
VIN
R
IOUT =
1.20V
R
+
-
100nF
Figure 3: High Voltage Adjustable Constant Current Source
PWM IC
LR12
Vout1
Vout2
+
+
-
-
Vcc
VAuxiliary
VIN=15V to 100V
V
OUT
ADJ
V
IN
FB
Figure 2: SMPS Start-Up Circuit
LR12
VIN=17V to 100V
V
OUT
ADJ
V
IN
*
R1
6.04KΩ
±1%
R2
18.2KΩ
±1%
C2
100nF
C1
V
OUT =5.0V
V
OUT = 1.20V 1+
R2
R1
+ IADJ R2
Figure 1: High Input Voltage, 5.0V Output Linear Regulator
* Required for conditions where VIN is less than VOUT.


Similar Part No. - LR12LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12LG-G SUTEX-LR12LG-G Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
More results

Similar Description - LR12LG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com