Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR037 Datasheet(PDF) 10 Page - Supertex, Inc

Part # SR037
Description  Inductorless, Dual Output Off-Line Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR037 Datasheet(HTML) 10 Page - Supertex, Inc

Back Button SR037 Datasheet HTML 6Page - Supertex, Inc SR037 Datasheet HTML 7Page - Supertex, Inc SR037 Datasheet HTML 8Page - Supertex, Inc SR037 Datasheet HTML 9Page - Supertex, Inc SR037 Datasheet HTML 10Page - Supertex, Inc SR037 Datasheet HTML 11Page - Supertex, Inc SR037 Datasheet HTML 12Page - Supertex, Inc SR037 Datasheet HTML 13Page - Supertex, Inc SR037 Datasheet HTML 14Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
SR036/SR037
B092005
Applications Information, continued
12V Coil
Relay
220µF
1.0µF
SR036
120VAC
or
230VAC
Fuse
Logic
Control
Circuit
Unregulated Voltage
3.3V
VN2110K1
1N4001
HV
IN
GND
Gate
Source
V
OUT
Figure 4: Driving 12V Relay Coils
GN2470
1.0
µF
The circuit shown in Figure 4 uses the SR036 to supply a
regulated 3.3V for the logic control circuitry while the unregulated
voltage is used to drive a 12V relay coil. The operating voltage
for a 12V relay coil is typically very wide and can therefore
operate directly from the unregulated line.
220µF
1.0µF
SR037
120VAC
or
230VAC
Fuse
Logic
Control
Circuit
Unregulated Voltage
5.0V
100
1K
2N3904
1N4001
5V Coil
Relay
HV
IN
GND
Gate
Source
V
OUT
Figure 5: Driving 5V Relay Coils
GN2470
1.0
µF
The circuit shown in Figure 5 uses the SR037 to supply a
regulated 5.0V for the logic control circuitry while the unregulated
voltage is used to drive a 5.0V coil relay. To overcome the voltage
variation of the unregulated line, a bipolar transistor is used to
drive the coil with a constant current. The resistor value from the
emitter to ground sets the desired coil current. For an arbitrary
coil current of 40mA, the resistor value can be calculated as:


Similar Part No. - SR037

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR037 SUTEX-SR037 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR037 SUTEX-SR037 Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
SR037DB1 SUTEX-SR037DB1 Datasheet
264Kb / 2P
   Inductorless Switching Power Supply
SR037MG SUTEX-SR037MG Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR037MG SUTEX-SR037MG Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR037

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036_04 Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com