Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP2206N2 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VP2206N2
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2206N2 Datasheet(HTML) 2 Page - Supertex, Inc

  VP2206N2 Datasheet HTML 1Page - Supertex, Inc VP2206N2 Datasheet HTML 2Page - Supertex, Inc VP2206N2 Datasheet HTML 3Page - Supertex, Inc VP2206N2 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ TC = 25°C
°C/W
°C/W
TO-39
-0.75A
-8.0A
6.0W
20.8
125
-0.75A
-8.0A
TO-92
-0.64A
-4.0A
1.0W
125
170
-0.64A
-4.0A
* I
D (continuous) is limited by max rated Tj.
VP2206
Switching Waveforms and Test Circuit
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-60
V
V
GS
= 0V, I
D
= -10mA
VGS(th)
Gate Threshold Voltage
-1.0
-3.5
V
VGS = VDS, ID = -10mA
∆VGS(th)
Change in VGS(th) with Temperature
-4.3
-5.5
mV/°CVGS = VDS, ID = -10mA
I
GSS
Gate Body Leakage
-1
-100
nA
V
GS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-50
µAVGS = 0V, VDS = Max Rating
-10
mA
VGS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
-0.85
-2
VGS = -5V, VDS = -25V
-4
-9
A
V
GS = -10V, VDS =- 25V
RDS(ON)
1.3
1.5
VGS = -5V, ID = -1A
0.75
0.9
VGS = -10V, ID = -3.5A
∆RDS(ON)
Change in RDS(ON) with Temperature
0.85
1.2
%/°CVGS = -10V, ID = -3.5A
G
FS
Forward Transconductance
0.8
1.4
V
DS = -25V, ID = -2A
CISS
Input Capacitance
325
450
C
OSS
Common Source Output Capacitance
125
180
pF
C
RSS
Reverse Transfer Capacitance
30
40
td(ON)
Turn-ON Delay Time
4
15
t
r
Rise Time
16
25
t
d(OFF)
Turn-OFF Delay Time
16
50
tf
Fall Time
22
50
V
SD
Diode Forward Voltage Drop
-1.1
-1.6
V
V
GS = 0V, ISD = -3.5A
t
rr
Reverse Recovery Time
500
ns
V
GS = 0V, ISD = -1A
Note 1:
All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
Note 2:
All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
Static Drain-to-Source
ON-State Resistance
V
GS = 0V, VDS = -25V
f = 1 MHz
V
DD = -25V
ns
I
D = -4A
R
GEN = 10Ω


Similar Part No. - VP2206N2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VP2206N2-G MICROCHIP-VP2206N2-G Datasheet
824Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
More results

Similar Description - VP2206N2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com