Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91C176 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS91C176
Description  Multipoint-LVDS (M-LVDS) Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS91C176 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS91C176 Datasheet HTML 1Page - National Semiconductor (TI) DS91C176 Datasheet HTML 2Page - National Semiconductor (TI) DS91C176 Datasheet HTML 3Page - National Semiconductor (TI) DS91C176 Datasheet HTML 4Page - National Semiconductor (TI) DS91C176 Datasheet HTML 5Page - National Semiconductor (TI) DS91C176 Datasheet HTML 6Page - National Semiconductor (TI) DS91C176 Datasheet HTML 7Page - National Semiconductor (TI) DS91C176 Datasheet HTML 8Page - National Semiconductor (TI) DS91C176 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 3, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AC SPECIFICATION
t
PLH
Differential Propagation Delay Low to High
R
L =50
Ω,C
L = 5 pF,
1.3
3.4
5.5
ns
t
PHL
Differential Propagation Delay High to Low
C
D = 0.5 pF
1.3
3.1
5.5
ns
t
SKD1 (tsk(p))
Pulse Skew |t
PLHD −tPHLD| (Notes 5, 9)
Figure 6 and Figure 7
300
420
ps
t
SKD3
Part-to-Part Skew (Notes 6, 9)
2.2
ps
t
TLH (tr)
Rise Time (Note 9)
1.0
1.8
3.0
ns
t
THL (tf)
Fall Time (Note 9)
1.0
1.8
3.0
ns
t
PZH
Enable Time (Z to Active High)
R
L =50
Ω,C
L = 5 pF,
8
ns
t
PZL
Enable Time (Z to Active Low )
C
D = 0.5 pF
8
ns
t
PLZ
Disable Time (Active Low to Z)
Figure 8 and Figure 9
8ns
t
PHZ
Disable Time (Active High to Z)
8
ns
t
JIT
Random Jitter, RJ (Note 9)
100 MHz Clock Pattern (Note 7)
2.5
5.5
psrms
f
MAX
Maximum Data Rate
200
Mbps
RECEIVER AC SPECIFICATION
t
PLH
Propagation Delay Low to High
C
L = 15 pF
2.0
4.7
8.5
ns
t
PHL
Propagation Delay High to Low
Figures 10, 11 and Figure 12
2.0
5.3
8.5
ns
t
SKD1 (tsk(p))
Pulse Skew |t
PLHD −tPHLD| (Notes 5, 9)
0.6
1.7
ns
t
SKD3
Part-to-Part Skew (Notes 6, 9)
3.3
ns
t
TLH (tr)
Rise Time (Note 9)
0.5
1.2
2.5
ns
t
THL (tf)
Fall Time (Note 9)
0.5
1.2
2.5
ns
t
PZH
Enable Time (Z to Active High)
R
L = 500
Ω,C
L =15pF
10
ns
t
PZL
Enable Time (Z to Active Low)
Figure 13 and Figure 14
10
ns
t
PLZ
Disable Time (Active Low to Z)
10
ns
t
PHZ
Disable Time (Active High to Z)
10
ns
f
MAX
Maximum Data Rate
200
Mbps
Note 1: “Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 3.3V and TA = 25˚C.
Note 4: The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this datasheet.
Note 5: tSKD1,|tPLHD −tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of
the same channel.
Note 6: tSKD3, Part-to-Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification
applies to devices at the same VCC and within 5˚C of each other within the operating temperature range.
Note 7: Stimulus and fixture Jitter has been subtracted.
Note 8: CL includes fixture capacitance and CD includes probe capacitance.
Note 9: Not production tested. Guaranteed by a statistical analysis on a sample basis at the time of characterization.
www.national.com
5


Similar Part No. - DS91C176

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91C176 NSC-DS91C176 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
DS91C176 TI1-DS91C176 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176TMA NSC-DS91C176TMA Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
logo
Texas Instruments
DS91C176TMA TI-DS91C176TMA Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176TMA/NOPB TI-DS91C176TMA/NOPB Datasheet
1,012Kb / 19P
[Old version datasheet]   DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
More results

Similar Description - DS91C176

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com