Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3882E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS3882E
Description  Dual-Channel Automotive CCFL Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3882E Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS3882E Datasheet HTML 1Page - Maxim Integrated Products DS3882E Datasheet HTML 2Page - Maxim Integrated Products DS3882E Datasheet HTML 3Page - Maxim Integrated Products DS3882E Datasheet HTML 4Page - Maxim Integrated Products DS3882E Datasheet HTML 5Page - Maxim Integrated Products DS3882E Datasheet HTML 6Page - Maxim Integrated Products DS3882E Datasheet HTML 7Page - Maxim Integrated Products DS3882E Datasheet HTML 8Page - Maxim Integrated Products DS3882E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Dual-Channel Automotive CCFL Controller
_____________________________________________________________________
5
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.20
5.15
4.80 4.85 4.90
5.00 5.05
4.95
5.10
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
4.0
4.75
5.25
DPWM = 10%
DPWM = 50%
DPWM = 100%
SVML< 2V
fLF:OSC = 64kHz
GATE QC = 3.5nC
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
32.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
5.5
-40.0
105
VCC = 4.75V VCC = 5.0V
VCC = 5.25V
DPWM = 100%
fLF:OSC = 64kHz
GATE QC = 3.5nC
INTERNAL FREQUENCY CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
32.5
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40.0
105
DPWM FREQUENCY
LAMP FREQUENCY
TYPICAL OPERATION AT 11V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.00V LCM
10
µs
2.00V OVD
TYPICAL OPERATION AT 13V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.00V LCM
10
µs
2.00V OVD
TYPICAL OPERATION AT 16V
10
µs
5.0V GA
10
µs
5.0V GB
10
µs
2.00V LCM
10
µs
2.00V OVD
TYPICAL STARTUP WITH SVM
2ms
5.0V SVML
2ms
5.0V GB
2ms
2.00V LCM
2ms
2.00V OVD
BURST DIMMING AT 150Hz AND 10%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.00V LCM
1ms
2.00V OVD
BURST DIMMING AT 150Hz AND 50%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.00V LCM
1ms
2.00V OVD
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS3882E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882E MAXIM-DS3882E Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
More results

Similar Description - DS3882E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882_10 Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
DS3881 MAXIM-DS3881 Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
logo
List of Unclassifed Man...
BI3101A ETC1-BI3101A Datasheet
314Kb / 9P
   DUAL RWM CCFL CONTROLLER
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
   Dual PWM CCFL Controller
ES-1115N-LXAE ADVANTECH-ES-1115N-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
ES-1115R-LXAE ADVANTECH-ES-1115R-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
logo
List of Unclassifed Man...
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
   High Efficiency Dual ZVS CCFL Controller
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com