Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2414 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2414
Description  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2414 Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT2414 Datasheet HTML 1Page - Texas Instruments SN74BCT2414 Datasheet HTML 2Page - Texas Instruments SN74BCT2414 Datasheet HTML 3Page - Texas Instruments SN74BCT2414 Datasheet HTML 4Page - Texas Instruments SN74BCT2414 Datasheet HTML 5Page - Texas Instruments SN74BCT2414 Datasheet HTML 6Page - Texas Instruments SN74BCT2414 Datasheet HTML 7Page - Texas Instruments SN74BCT2414 Datasheet HTML 8Page - Texas Instruments SN74BCT2414 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74BCT2414
MEMORY DECODER
WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SCBS059B – MARCH 1989 – REVISED NOVEMBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLES
INPUTS
OUTPUTS
CONTROL
SELECT
OUTPUTS
G
1G
SD
1B
1A
1Y0
1Y1
1Y2
1Y3
H
X
X
X
X
H
H
H
H
X
HX
X
XH
HHH
X
XLX
XH
HHH
L
LHL
LL
HHH
L
LHL
HH
LH
H
L
LH
H
LH
HLH
L
L
H
H
H
H
H
H
L
INPUTS
OUTPUTS
CONTROL
SELECT
OUTPUTS
G
2G
SD
2B
2A
2Y0
2Y1
2Y2
2Y3
H
X
X
X
X
H
H
H
H
X
HX
X
XH
HHH
X
XLX
XH
HHH
L
HH
L
LL
HHH
L
HH
L
HH
LH
H
L
HHH
LH
HLH
L
H
H
H
H
H
H
H
L
NOTE: For a 3-line to 8-line decoder, the following pins must
be shorted: 1G to 2G, 1A to 2A and 1B to 2B.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, Vbat
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage VCC with respect to Vbat
– 1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage range at VS
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any Y output in the power-off state
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any Y output in the power-off state with respect to Vbat
0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability


Similar Part No. - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DW TI1-SN74BCT2414DW Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DWG4 TI1-SN74BCT2414DWG4 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414N TI1-SN74BCT2414N Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com