Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2414 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2414
Description  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2414 Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT2414 Datasheet HTML 1Page - Texas Instruments SN74BCT2414 Datasheet HTML 2Page - Texas Instruments SN74BCT2414 Datasheet HTML 3Page - Texas Instruments SN74BCT2414 Datasheet HTML 4Page - Texas Instruments SN74BCT2414 Datasheet HTML 5Page - Texas Instruments SN74BCT2414 Datasheet HTML 6Page - Texas Instruments SN74BCT2414 Datasheet HTML 7Page - Texas Instruments SN74BCT2414 Datasheet HTML 8Page - Texas Instruments SN74BCT2414 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74BCT2414
MEMORY DECODER
WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SCBS059B – MARCH 1989 – REVISED NOVEMBER 1993
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
Vbat
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
– 400
µA
IOL
Low level output current
Y outputs
8
mA
IOL
Low-level output current
VS outputs
20
mA
tt
Input transition time
0
10
ns / V
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
Vbt =VCC =4 5V
IOH = – 20 µA
4.4
VOH
Vbat = VCC = 4.5 V
IOH = – 400 µA
3.5
V
Vbat = 2 V, VCC = 0,
IOH = – 50 µA
1.8
All exceptVS
Vbt =VCC =4 5V
IOL = 4 mA
0.4
VOL
All except VS
Vbat = VCC = 4.5 V
IOL = 8 mA
0.5
V
VS
Vbat = VCC = 4.5 V,
IOL = 20 mA
1
VT‡
3.65
V
II
Vbat = VCC = 5.5 V,
VI = 5.5 V
100
µA
IIH
Vbat = VCC = 5.5 V,
VI = 2.7 V
±20
µA
IIL
Vbat = VCC = 5.5 V,
VI = 0.5 V
±20
µA
IOH
VS
Vbat = 4.5 V,
VCC = 0
1
µA
IO§
Vbat = VCC = 5.5 V,
VO = 2.25 V
–30
– 200
mA
ICC
Vbt =VCC =5 5V
Outputs high
3
mA
ICC
Vbat = VCC = 5.5 V
Outputs low
3
mA
Vbat = 2.5 V,
VCC = 0
1
10
µA
Ibat
Vbt =VCC =5 5V
Outputs high
20
µA
Vbat = VCC = 5.5 V
Outputs low
3
mA
Ci
Vbat = VCC = 5 V,
VI = 0 or 3 V
4
pF
C
Any Y
Vbt =VCC =0
6.5
pF
Co
VS
Vbat = VCC = 0
5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This value represents the VCC monitor threshold voltage. Typical range is from 3.5 V to 3.8 V.
§ This output condition has been chosen to produce a current that closely approximates one half of the short-circuit output current, IOS. Not more
than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DW TI1-SN74BCT2414DW Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DWG4 TI1-SN74BCT2414DWG4 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414N TI1-SN74BCT2414N Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com