Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT36B0 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT36B0
Description  8-Bit Music Synthesizer MCU
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B0 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT36B0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Application Circuit
HT36B0
Rev. 1.00
7
June 30, 2003
R C H
H T 3 6 B 0
R C H
V D D
4 7 m F
0 . 1 m F
V r e f
1 0 m F
I N
V D D
H T 8 2 V 7 3 3
V S S
O U T N
O U T P
S P K
8 W
2 0 k W
L C H
1
2
3
5
7
4
8
P C 0 ~ P C 7
P A 0 ~ P A 7
P B 0 ~ P B 7
P D 0 ~ P D 7
P E 0 ~ P E 3
V D D
4 7 m F
0 . 1 m F
V r e f
1 m F
I N
V D D
H T 8 2 V 7 3 3
V S S
C E
O U T N
O U T P
S P K
8 W
2 0 k W
1
2
3
5
7
4
8
R E S
V D D
S P K
8 W
1 k W
7 5 0 W
P C 0 ~ P C 7
P A 0 ~ P A 7
P B 0 ~ P B 7
P D 0 ~ P D 7
P E 0 ~ P E 3
H T 3 6 B 0
L C H
V D D
S P K
8 W
1 k W
7 5 0 W
O S C 1
V S S A
V S S
V S S A
V S S
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
C E
V D D
1 0 0 k W
0 . 1 m F
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
O S C 1
O S C 2
1 1 . 0 5 9 M H z
R E S
1 0 0 k W
0 . 1 m F
V D D


Similar Part No. - HT36B0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
More results

Similar Description - HT36B0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com