Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS820 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPS820
Description  Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS820 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS820 Datasheet HTML 1Page - Toshiba Semiconductor TPS820 Datasheet HTML 2Page - Toshiba Semiconductor TPS820 Datasheet HTML 3Page - Toshiba Semiconductor TPS820 Datasheet HTML 4Page - Toshiba Semiconductor TPS820 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPS820
2002-01-18
3
Ambient temperature Ta (°C)
P – Ta
Ambient temperature Ta (°C)
Id – Ta
(typ.)
Emission E (mW/cm
2
)
IL – E
(typ.)
Ambient temperature Ta (°C)
Relative light current IL – Ta
(typ.)
Supply voltage VCC (V)
Relative light current IL – VCC
(typ.)
Ambient temperature Ta (°C)
VOUT (sat) – Ta
(typ.)
0
-20
50
100
150
200
250
300
0
20
40
60
80
100
120
0.001
20
40
60
80
100
0.01
0.1
1
10
VCC = 4.5 V
5 V
5.5 V
10
0.001
0.01
0.1
1
100
1000
10000
VCC = 5 V
Ta
= 25°C
0.0
-40
0
40
80
0.4
0.8
1.2
1.6
2.0
E
= 0.1 mW/cm
2
VCC = 5 V
0.0
3
4
5
6
0.2
0.4
0.6
0.8
1.0
1.2
Ta
= 25°C
E
= 0.1 mW/cm
2
4.0
-40
0
40
80
4.1
4.2
4.3
4.4
4.5
VCC = 5 V
E
= 0.1 mW/cm
2
RL = 10 kW


Similar Part No. - TPS820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
160Kb / 5P
   Silicon Epitaxial Planar
logo
Texas Instruments
TPS82084 TI-TPS82084 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILR TI-TPS82084SILR Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084SILT TI-TPS82084SILT Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
More results

Similar Description - TPS820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833_07 Datasheet
243Kb / 8P
   Copiers, Printers, Fax Machines
TPS855 TOSHIBA-TPS855 Datasheet
211Kb / 8P
   Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Toshiba Semiconductor
TLP1255 TOSHIBA-TLP1255 Datasheet
192Kb / 7P
   Copiers, Printers and Fax Machines Air Conditioners Game Machines
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
   LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Toshiba Semiconductor
TLP833 TOSHIBA-TLP833 Datasheet
363Kb / 8P
   COPIERS, PRINTERS, FAX MACHINES VCRS, MICROWAVE OVENS, AIR CONDITIONERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com