Electronic Components Datasheet Search |
|
IC41LV16100S-50K Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc |
|
IC41LV16100S-50K Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc |
9 / 21 page IC41C16100S IC41LV16100S Integrated Circuit Solution Inc. 9 DR010-0D 11/26/2004 AC CHARACTERISTICS (Continued)(1,2,3,4,5,6) (Recommended Operating Conditions unless otherwise noted.) -45 -50 -60 Symbol Parameter Min. Max. Min. Max. Min. Max. Units tACH Column-Address Setup Time to CAS 15 — 15 — 15 — ns Precharge during WRITE Cycle tOEH OE Hold Time from WE during 6 — 8 — 10 — ns READ-MODIFY-WRITE cycle(18) tDS Data-In Setup Time(15, 22) 0—0—0— ns tDH Data-In Hold Time(15, 22) 6—8— 10 — ns tRWC READ-MODIFY-WRITE Cycle Time 95 — 108 — 133 — ns tRWD RAS to WE Delay Time during 55 — 64 — 77 — ns READ-MODIFY-WRITE Cycle(14) tCWD CAS to WE Delay Time(14, 20) 21 — 26 — 32 — ns tAWD Column-Address to WE Delay Time(14) 32 — 39 — 47 — ns tPC EDO Page Mode READ or WRITE 16 — 20 — 25 — ns Cycle Time(24) tRASP RAS Pulse Width in EDO Page Mode 45 100K 50 100K 60 100K ns tCPA Access Time from CAS Precharge(15) —27 — 30 —35 ns tPRWC EDO Page Mode READ-WRITE 51 — 56 — 68 — ns Cycle Time(24) tCOH Data Output Hold after CAS LOW 4—4—4— ns tOFF Output Buffer Turn-Off Delay from 1.6 11 1.6 12 1.6 15 ns CAS or RAS(13,15,19, 29) tWHZ Output Disable Delay from WE 310 3 10 310 ns tCLCH Last CAS going LOW to First CAS 8— 10 — 10 — ns returning HIGH(23) tCSR CAS Setup Time (CBR REFRESH)(30, 20) 5—5—5— ns tCHR CAS Hold Time (CBR REFRESH)(30, 21) 8—8— 10 — ns tORD OE Setup Time prior to RAS during 0 — 0 — 0 — ns HIDDEN REFRESH Cycle tREF Auto Refresh Period (1,024 Cycles) — 16 — 16 — 16 ms tREF Self Refresh Period (1,024 Cycles) — 128 — 128 — 128 ms tT Transition Time (Rise or Fall)(2, 3) 150 1 50 150 ns AC TEST CONDITIONS Output load: Two TTL Loads and 50 pF (Vcc = 5.0V ±±±±±10%) One TTL Load and 50 pF (Vcc = 3.3V ±±±±±10%) Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±±±±±10%); VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±±±±±10%) Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±±±±±10%, 3.3V ±±±±±10%) |
Similar Part No. - IC41LV16100S-50K |
|
Similar Description - IC41LV16100S-50K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |