Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC63LV1024-15TI Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC63LV1024-15TI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC63LV1024-15TI Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC63LV1024-15TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC63LV1024-15TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IC63LV1024
Integrated Circuit Solution Inc.
3
AHSR025-0D
04/16/2004
PIN CONFIGURATION
32-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0
A1
A2
A3
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A4
A5
A6
A7
A16
A15
A14
A13
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A12
A11
A10
A9
A8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0
A1
A2
A3
CE
I/O0
I/O1
Vcc
GND
I/O2
I/O3
WE
A4
A5
A6
A7
A16
A15
A14
A13
OE
I/O7
I/O6
GND
Vcc
I/O5
I/O4
A12
A11
A10
A9
A8
PIN CONFIGURATION
32-Pin TSOP-2
PIN CONFIGURATION
36-Pin TF-BGA (TOP View)
(6mm x 8mm)
1
2
3
4
5
6
A
B
C
D
E
F
G
H
A0
A1
NC
A3
A6
A8
I/O4
A2
WE
A4
A7
I/O0
I/O5
NC
A5
I/O1
GND
Vcc
Vcc
GND
I/O6
NC
NC
I/O2
I/O7
CE
A16
A15
I/O3
A9
A10
A11
A12
A13
A14
OE


Similar Part No. - IC63LV1024-15TI

ManufacturerPart #DatasheetDescription
logo
Sanken electric
IC601 SANKEN-IC601 Datasheet
186Kb / 1P
   SANKEN / STRW6554A ZIP-6 Pin
logo
Panasonic Semiconductor
IC601 PANASONIC-IC601 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
logo
List of Unclassifed Man...
IC601RSN309W44B ETC-IC601RSN309W44B Datasheet
172Kb / 1P
   RSN309W44
logo
Renesas Technology Corp
IC61-0644-052 RENESAS-IC61-0644-052 Datasheet
690Kb / 7P
   64-pin LCC Socket
IC61-0644-053 RENESAS-IC61-0644-053 Datasheet
690Kb / 7P
   64-pin LCC Socket
More results

Similar Description - IC63LV1024-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com