Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV16100S-50TIG Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41LV16100S-50TIG
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16100S-50TIG Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41LV16100S-50TIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41LV16100S-50TIG Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IC41C16100S
IC41LV16100S
Integrated Circuit Solution Inc.
7
DR010-0D 11/26/2004
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA (5V)
2.4
V
IOH = –2.0 mA (3.3V)
VOL
Output Low Voltage Level
IOL = 4.2 mA (5V)
0.4
V
IOL = 2.0 mA (3.3V)
ICC1
Standby Current: TTL
RAS, LCAS, UCAS
≥ VIH Commerical 5V
2
mA
3.3V
1
Extended
5V
3
mA
3.3V
2
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS
≥ VCC – 0.2V
5V
1
mA
3.3V
0.5
ICC3
Operating Current:
RAS, LCAS, UCAS,
-45
190
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-45
100
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-50
90
Average Power Supply Current
-60
80
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS
≥ VIH
-45
180
mA
RAS-Only(2,3)
tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-45
180
mA
CBR(2,3,5)
tRC = tRC (min.)
-50
160
Average Power Supply Current
-60
145
ICCS
Self Refresh Current
Self Refresh mode
300
µA
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV16100S-50TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16100A ICSI-IC41LV16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-50K ICSI-IC41LV16100A-50K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-50T ICSI-IC41LV16100A-50T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-60K ICSI-IC41LV16100A-60K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV16100A-60T ICSI-IC41LV16100A-60T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41LV16100S-50TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com