Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854917 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 854917
Description  Std Low-Loss140 MHz Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854917 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  854917 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-10
-8
-6
-4
-2
0
2
4
6
8
10
MHz
dB
MHz
MHz
MHz
dB
deg P-P
nsec
µsec
dB
-
ppm/
°C
-
-
10.2
12
-
-
-
-
-
-
-
-
140
8.87
11.58
12.4
16.57
0.52
9.67
54
1
45
YZ LiNbO
3
-94
-
12.5
-
-
21.3
1
15
120
-
-
-
-
Center Frequency f
o
Insertion Loss f
o
1 dB Bandwidth
3 dB Bandwidth
35 dB Bandwidth
Passband Ripple(90% of 3 dB BW)
Phase Linearity (across 3 dB BW)
Group Delay Variation(90% of 3 dB BW)
Absolute Delay
Ultimate Rejection
Substrate Material
Temperature Coefficient
Unit
Minimum
Typical
Maximum
Parameter
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
125 128 131 134 137 140 143 146 149 152 155
Data Sheet
Typical Performance
Specifications
Package Outline
Matching Configuration
Sawtek Inc.
Telephone: (407) 886-8860
Fax:
(407) 886-7061
L1 = 68 nH , L2 = 68 nH
C1 = 7 pf
Nominal Source/Load Impedance = 50
Package Style SMP-53
12/2/99
12 MHz Bandwidth
Part Number 854917
Std Low-Loss140 MHz Bandpass Filter
Vertical: 10 dB/Div
Horizontal: 3 MHz/Div
Vertical: 1 dB/Div
Vertical: 2 deg/Div
Horizontal: 1.5 MHz/Div


Similar Part No. - 854917

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854917 TRIQUINT-854917_15 Datasheet
572Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 854917

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854916 TRIQUINT-854916 Datasheet
41Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854909 TRIQUINT-854909 Datasheet
39Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854920 TRIQUINT-854920 Datasheet
43Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854919 TRIQUINT-854919 Datasheet
43Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854923 TRIQUINT-854923 Datasheet
59Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854927 TRIQUINT-854927 Datasheet
44Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854913 TRIQUINT-854913 Datasheet
45Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
logo
Oscilent Corporation
813-SL140.0M-28 OSCILENT-813-SL140.0M-28 Datasheet
237Kb / 2P
   140.0 MHz Bandpass Filter Low Loss
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B Datasheet
186Kb / 2P
   140.0 MHz Bandpass Filter Low Loss
809-SL140.0M-18 OSCILENT-809-SL140.0M-18 Datasheet
266Kb / 2P
   140.0 MHz Bandpass Filter Low Loss
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com